Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 18Page - Texas Instruments OPA2673 Datasheet HTML 19Page - Texas Instruments OPA2673 Datasheet HTML 20Page - Texas Instruments OPA2673 Datasheet HTML 21Page - Texas Instruments OPA2673 Datasheet HTML 22Page - Texas Instruments OPA2673 Datasheet HTML 23Page - Texas Instruments OPA2673 Datasheet HTML 24Page - Texas Instruments OPA2673 Datasheet HTML 25Page - Texas Instruments OPA2673 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
APPLICATION INFORMATION
WIDEBAND VIDEO MULTIPLEXING
WIDEBAND CURRENT-FEEDBACK
2kW
82.5W
75
Cable
W
RG-59
82.5W
75W
475W
402W
Video1
+5V
+5V
-5V
1/2
OPA2673
1/2
OPA2673
2kW
75W
475W
402W
Video2
-5V
+5V
DIS
DIS
Power-supply
decouplingnotshown.
V
DIS
1/2
OPA2673
+6V
+
-6V
50
Load
W
50W
50W
V
O
V
I
50
Source
W
R
G
133W
R
F
402W
+
6.8 F
m
0.1 F
m
6.8 F
m
0.1 F
m
+V
S
-VS
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
OPERATION
One common application for video speed amplifiers
that include a disable pin is to wire multiple amplifier
The OPA2673 gives the exceptional ac performance
outputs together, then select one of several possible
of a wideband current-feedback op amp with a highly
video inputs to source onto a single line. This simple
linear, high-power output stage. Requiring 16mA/ch
wired-OR
video
multiplexer
can
be
easily
quiescent current, the OPA2673 swings to within 1.1V
implemented using the OPA2673, as Figure 77
of either supply rail and delivers in excess of 460mA
illustrates.
at room temperature. This low output headroom
requirement, along with supply voltage independent
biasing,
gives
remarkable
dual
(±6V)
supply
operation.
The
OPA2673
delivers
greater
than
450MHz bandwidth driving a 2VPP output into 100Ω
on a single +12V supply. Previous boosted output
stage amplifiers typically suffer from very poor
crossover distortion as the output current goes
through zero. The OPA2673 achieves a comparable
power gain with much better linearity. The primary
advantage of a current-feedback op amp over a
voltage-feedback op amp is that ac performance
(bandwidth and distortion) is relatively independent of
signal gain. Figure 76 shows the dc-coupled, gain of
+4V/V, dual power-supply circuit configuration used
as the basis of the ±6V Electrical Characteristics and
Typical Characteristics. For test purposes, the input
impedance is set to 50
Ω with a resistor to ground and
the output impedance is set to 50
Ω with a series
output resistor. Voltage swings reported in the
Figure 77. Two-Channel Video Multiplexer
Electrical Characteristics are taken directly at the
input and output pins, while load powers (dBm) are
Typically, channel switching is performed either on
defined at a matched 50
Ω load. For the circuit of
sync or retrace time in the video signal. The two
Figure 76, the total effective load is 100
Ω || 402Ω =
inputs are approximately equal at this time. The
80
Ω.
make-before-break
disable
characteristic
of
the
OPA2673 ensures that there is always one amplifier
controlling the line when using a wired-OR circuit
similar to that shown in Figure 77. Because both
inputs may be on for a short period during the
transition
between
channels,
the
outputs
are
combined through the output impedance matching
resistors (82.5
Ω in this case). When one channel is
disabled, its feedback network forms part of the
output impedance and slightly attenuates the signal in
getting out onto the cable. The gain and output
matching resistors have been slightly increased to get
a signal gain of +1V/V at the matched load and
provide a 75
Ω output impedance to the cable. The
video multiplexer connection (as shown in Figure 77)
also ensures that the maximum differential voltage
across the inputs of the unselected channel do not
exceed the rated ±1.2V maximum for standard video
signal levels. The active-off line circuitry integrated
Figure 76. DC-Coupled, G = +4V/V, Bipolar
within the OPA2673 ensures that the off-channel will
Supply, Specification and Test Circuit
stay off independently of the signal amplitude present
at the output.
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com