Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 12Page - Texas Instruments OPA2673 Datasheet HTML 13Page - Texas Instruments OPA2673 Datasheet HTML 14Page - Texas Instruments OPA2673 Datasheet HTML 15Page - Texas Instruments OPA2673 Datasheet HTML 16Page - Texas Instruments OPA2673 Datasheet HTML 17Page - Texas Instruments OPA2673 Datasheet HTML 18Page - Texas Instruments OPA2673 Datasheet HTML 19Page - Texas Instruments OPA2673 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
-
-
-
-
-
-
65
70
75
80
85
90
95
100
-
-
2ndHarmonic
3rdHarmonic
1
10
Gain(V/V)
G
=+1V/V
V =2V
f=10MHz
CM
PP
O
R =100
Differential
L
W
-74
76
78
80
82
84
86
88
90
92
94
-
-
-
-
-
-
-
-
-
-
2.5
3.5
4.0
4.5
5.0
5.5
6.0
SupplyVoltage( V )
± S
2ndHarmonic
3rdHarmonic
G
=+4V/V
G
=+1V/V
R =100
Differential
f=10MHz
V =2V
DIFF
CM
L
O
PP
W
3.0
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = ±6V Differential, 75% Bias (continued)
At TA = +25°C, RF = 511Ω, RL = 100Ω Differential, GDIFF = +4V/V, and GCM = +1V/V, unless otherwise specified.
HARMONIC DISTORTION vs NONINVERTING GAIN
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 53.
Figure 54.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com