Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 28Page - Texas Instruments OPA2673 Datasheet HTML 29Page - Texas Instruments OPA2673 Datasheet HTML 30Page - Texas Instruments OPA2673 Datasheet HTML 31Page - Texas Instruments OPA2673 Datasheet HTML 32Page - Texas Instruments OPA2673 Datasheet HTML 33Page - Texas Instruments OPA2673 Datasheet HTML 34Page - Texas Instruments OPA2673 Datasheet HTML 35Page - Texas Instruments OPA2673 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
INPUT AND ESD PROTECTION
External
Pin
+V
CC
-VCC
Internal
Circuitry
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
e) Socketing a high-speed part such as the
These diodes provide moderate protection to input
OPA2673 is not recommended. The additional lead
overdrive voltages above the supplies as well. The
length and pin-to-pin capacitance introduced by the
protection
diodes
can
typically
support
30mA
socket can create an extremely troublesome parasitic
continuous
current.
Where
higher
currents
are
network, which can make it almost impossible to
possible (for example, in systems with ±15V supply
achieve a smooth, stable frequency response. Best
parts driving into the OPA2673), current-limiting
results are obtained by soldering the OPA2673
series resistors should be added into the two inputs.
directly onto the board.
Keep these resistor values as low as possible,
because high values degrade both noise performance
and frequency response.
The
OPA2673
is
built
using
a
high-speed
complementary bipolar process. The internal junction
breakdown voltages are relatively low for these very
small geometry devices and are reflected in the
Absolute Maximum Ratings table. All device pins
have limited ESD protection using internal diodes to
the power supplies, as shown in Figure 87.
Figure 87. ESD Steering Diodes
empty for space
empty for space
empty for space
empty for space
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (June, 2008) to Revision A ........................................................................................................ Page
• Corrected y-axis units specified for Open-Loop Transimpedance Gain and Phase characteristic graph (Figure 15) .......... 8
• Changed equation references in paragraph discussing transfer equation and loop-gain analysis format.......................... 26
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com