Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 2Page - Texas Instruments OPA2673 Datasheet HTML 3Page - Texas Instruments OPA2673 Datasheet HTML 4Page - Texas Instruments OPA2673 Datasheet HTML 5Page - Texas Instruments OPA2673 Datasheet HTML 6Page - Texas Instruments OPA2673 Datasheet HTML 7Page - Texas Instruments OPA2673 Datasheet HTML 8Page - Texas Instruments OPA2673 Datasheet HTML 9Page - Texas Instruments OPA2673 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TYPICAL CHARACTERISTICS: VS = ±6V, Full Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
10M
100M
1G
Frequency(Hz)
G=+2V/V
R =475
F
W
G=+4V/V
R =402
F
W
G=+8V/V
R =250
F
W
V =500mV
R =100
O
PP
L
W
G=+1V/V
R =511
F
W
3
0
3
6
9
12
15
18
-
-
-
-
-
-
0
100
200
300
400
500
600
700
800
900 1000
Frequency(MHz)
50%Bias
75%Bias
FullPower
G=+4V/V
R =100
L
W
V =500mV
O
PP
3
2
1
0
1
2
3
-
-
-
300
200
100
0
100
200
300
-
-
-
Time(10ns/div)
G=+4V/V
R =100
L
W
LargeSignal 2.5V
P
LeftScale
±
SmallSignal 100mV
P
RightScale
±
3
0
3
6
9
12
15
18
-
-
-
-
-
-
0
100
200
300
400
500
600
700
800
900 1000
Frequency(MHz)
G=+4V/V
R =100
L
W
V =2V
O
PP
V =5V
O
PP
V =1V
O
PP
V =8V
O
PP
-
-
-
-
-
-
-
-
-
40
45
50
55
60
65
70
75
80
1
10
100
Frequency(MHz)
Input-Referred
6
4
2
0
2
4
6
-
-
-
-800
-600
-400
-200
0
200
400
600
800
OutputCurrent(mA)
2WInternal
PowerDissipation
SingleChannel
2WInternal
PowerDissipation
SingleChannel
100
LoadLine
W
25
LoadLine
W
10
LoadLine
W
50
LoadLine
W
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
At TA = +25°C, G = +4V/V, RF = 402Ω, and RL = 100Ω, unless otherwise specified.
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
OVER POWER SETTINGS
Figure 1.
Figure 2.
SMALL-SIGNAL AND
LARGE-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL PULSE RESPONSES
Figure 3.
Figure 4.
CHANNEL-TO-CHANNEL CROSSTALK
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com