Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 19Page - Texas Instruments OPA2673 Datasheet HTML 20Page - Texas Instruments OPA2673 Datasheet HTML 21Page - Texas Instruments OPA2673 Datasheet HTML 22Page - Texas Instruments OPA2673 Datasheet HTML 23Page - Texas Instruments OPA2673 Datasheet HTML 24Page - Texas Instruments OPA2673 Datasheet HTML 25Page - Texas Instruments OPA2673 Datasheet HTML 26Page - Texas Instruments OPA2673 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
HIGH-SPEED ACTIVE FILTERS
HIGH-POWER TWISTED-PAIR DRIVER
12
8
4
0
-
4
-
8
-
12
Frequency(MHz)
20MHz,SECOND-ORDERBUTTERWORTH
LOW-PASSFREQUENCYRESPONSE
0.1
100
10
1
600W
20MHz,Second-OrderButterworth
Low-PassFilter
1/2
OPA2673
+10V
Power-supply
decouplingnotshown.
32.3W
105W
5kW
5kW
51W
V
I
0.1 F
m
40W
1/2
OPA2673
4V
I
100pF
133W
0.1 F
m
150pF
OPA2673
www.ti.com..................................................................................................................................................... SBOS382A – JUNE 2008 – REVISED OCTOBER 2008
Where two outputs are switched (see Figure 77), the
response
plots
show,
the
OPA2673
in
this
output line is always under the control of one
configuration gives greater than 400MHz small-signal
amplifier
or
the
other
as
a
result
of
the
bandwidth. The capacitor values were chosen as low
make-before-break disable timing. In this case, the
as possible but adequate to override the parasitic
switching glitches for two 0V inputs drop to less than
input capacitance of the amplifier. The resistor values
20mV.
were slightly adjusted to give the desired filter
frequency
response
while
accounting
for
the
approximate 1ns propagation delay through each
channel of the OPA2673.
Wideband current-feedback op amps make ideal
elements for implementing high-speed active filters
where the amplifier is used as a fixed gain block
inside a passive RC circuit network. The relatively
A very demanding application for a high-speed
constant
bandwidth
versus
gain
provides
low
amplifier is to drive a low load impedance while
interaction between the actual filter poles and the
maintaining a high output voltage swing to high
required gain for the amplifier. Figure 78 shows an
frequencies. Using the dual current-feedback op amp
example single-supply buffered filter application. In
OPA2673, an 8VPP output signal swing into a
this case, one of the OPA2673 channels is used to
twisted-pair line with a typical impedance of 50
Ω can
set up the dc operating point and provide impedance
be realized. Configured as shown on the front page,
isolation from the signal source into the second-stage
the two amplifiers of the OPA2673 drive the output
filter. That stage is set up to implement a 20MHz,
transformer in a push-pull configuration, thus doubling
maximally flat Butterworth frequency response and
the peak-to-peak signal swing at each op amp output
provide an ac gain of +4V/V.
to 8VPP. The transformer has a turns ratio of 1.4. The
total load seen by the amplifier is 35
Ω.
The 51
Ω input matching resistor is optional in this
case. The input signal is ac-coupled to the 5V dc
Line driver applications usually have a high demand
reference voltage developed through the resistor
for
transmitting
the
signal
with
low
distortion.
divider from the +10V power supply. This first stage
Current-feedback amplifiers such as the OPA2673
acts as a gain of +1V/V voltage buffer for the signal
are ideal for delivering low-distortion performance to
where the 600
Ω feedback resistor is required for
higher gains. The example shown is set for a
stability. This first stage easily drives the low input
differential gain of 4V/V. This circuit can deliver the
resistors required at the input of this high-frequency
maximum 8VPP signal with over 200MHz bandwidth.
filter. The second stage is set for a dc gain of +1V/V,
carrying the 5V operating point through to the output
pin, and an ac gain of +4V/V. The feedback resistor
has been adjusted to optimize bandwidth for the
amplifier
itself.
As
the
single-supply
frequency
Figure 78. Buffered Single-Supply Active Filter
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com