Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 30 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 26Page - Texas Instruments OPA2673 Datasheet HTML 27Page - Texas Instruments OPA2673 Datasheet HTML 28Page - Texas Instruments OPA2673 Datasheet HTML 29Page - Texas Instruments OPA2673 Datasheet HTML 30Page - Texas Instruments OPA2673 Datasheet HTML 31Page - Texas Instruments OPA2673 Datasheet HTML 32Page - Texas Instruments OPA2673 Datasheet HTML 33Page - Texas Instruments OPA2673 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Power Control Operation
THERMAL ANALYSIS
+V
S
A0orA1
1.4V
Control
GND
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
The
shutdown
feature
for
the
OPA2673
is
a
ground-supply
referenced,
current-controlled
The OPA2673 provides a power control feature that
interface. For voltage output logic interfaces, the
may be used to reduce system power. The four
on/off voltage levels described in the Electrical
modes of operation for this power control feature are
Characteristics apply only for either the ground pin
100%
bias,
75%
bias,
50%
bias,
and
power
RGV
package
or
the
–VS pin used for the
shutdown. These four operating modes are set
single-supply specifications.
through two logic lines A0 and A1. Table 3 shows the
different modes of operation.
Table 3. Operating Modes
As a result of the high output power capability of the
OPA2673, heat-sinking or forced airflow may be
MODE OF
required under extreme operating conditions. The
OPERATION
A1
A0
maximum desired junction temperature sets the
100% bias
0
0
maximum
allowed
internal
power
dissipation,
75% bias
0
1
described below. In no case should the maximum
50% bias
1
0
junction temperature be allowed to exceed +150°C.
Shutdown
1
1
Operating junction temperature (TJ) is given by TA +
PD × θJA. The total internal power dissipation (PD) is
The 100% bias mode is used for normal operating
the sum of quiescent power (PDQ) and additional
conditions. The 75% bias mode brings the quiescent
power dissipation in the output stage (PDL) to deliver
power to 24mA. The 50% bias mode brings the
load power. Quiescent power is the specified no-load
quiescent power to 16mA. The shutdown mode has a
supply current times the total supply voltage across
high output impedance as well as the lowest
the part. PDL depends on the required output signal
quiescent power (5.5mA).
and load; for a grounded resistive load, however, PDL
If the A0 and A1 pins are left unconnected, the
is at a maximum when the output is fixed at a voltage
OPA2673 operates normally (100% bias).
equal to 1/2 of either supply voltage (for equal bipolar
supplies). Under this condition, PDL = VS
2/(4 × R
L),
To change the power mode, the control pins (either
where RL includes feedback network loading.
A0 or A1) must be asserted low. This logic control is
referenced to the ground supply, as shown in the
Note that it is the power in the output stage and not
simplified circuit of Figure 86.
into
the
load
that
determines
internal
power
dissipation.
As a worst-case example, compute the maximum TJ
using an OPA2673 QFN-16 in the circuit of Figure 76
operating
at
the
maximum
specified
ambient
temperature of +85°C with both outputs driving a
grounded 20
Ω load to +2.5V.
PD = 12V × 32mA + 2 × [5
2/(4 × [20Ω
535
Ω])] =
1.03W
Maximum TJ = +85°C + (1.03 × 45°C/W) = 131°C
Although this value is still well below the specified
maximum junction temperature, system, reliability
considerations may require lower tested junction
temperatures.The highest possible internal dissipation
occurs if the load requires current to be forced into
Figure 86. Supply Power Control Circuit
the output for positive output voltages, or sourced
from the output for negative output voltages. This
space
condition puts a high current through a large internal
drop in the output transistors. The output V-I plot in
space
the Typical Characteristics (Figure 6) includes a
boundary for 2W maximum internal power dissipation
under these conditions.
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com