Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 13Page - Texas Instruments OPA2673 Datasheet HTML 14Page - Texas Instruments OPA2673 Datasheet HTML 15Page - Texas Instruments OPA2673 Datasheet HTML 16Page - Texas Instruments OPA2673 Datasheet HTML 17Page - Texas Instruments OPA2673 Datasheet HTML 18Page - Texas Instruments OPA2673 Datasheet HTML 19Page - Texas Instruments OPA2673 Datasheet HTML 20Page - Texas Instruments OPA2673 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TYPICAL CHARACTERISTICS: VS = ±6V, 50% Bias
6
3
0
3
6
9
12
15
18
-
-
-
-
-
-
10M
100M
1G
Frequency(Hz)
G=
R =475
+2V/V
F
W
G=+4 V
R =402
V/
F
W
G=
V/
R =250
+8 V
F
W
V =500mV
R =100
O
PP
L
W
G=
V/
R =511
+1 V
F
W
3
0
3
6
9
12
15
18
-
-
-
-
-
-
100
200
300
400
500
600
700
Frequency(MHz)
G=+4V/V
R =100
L
W
V =1V
O
PP
V =5V
O
PP
V =2V
O
PP
V =8V
O
PP
0
3
2
1
0
1
2
3
-
-
-
300
200
100
0
100
200
300
-
-
-
Time(10ns/div)
G=+4V/V
R =100
L
W
LargeSignal 2.5V
P
LeftScale
±
SmallSignal 100mV
P
RightScale
±
8
6
4
2
0
2
4
6
8
-
-
-
-
32
24
16
8
0
8
16
24
32
-
-
-
-
Time(25ns/div)
G=+4V/V
R =100
L
W
Input
Output
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
-
-
-
-
-
-
-
-
-
-
1
2
4
Numberof150
Loads
W
3
d ,PositiveVideo
f
d ,NegativeVideo
f
dG,PositiveVideo
dG,NegativeVideo
G=+2V/V
R =475
V = 6V
F
S
W
±
240
220
200
180
160
140
120
100
-50
-25
125
Temperature( C)
°
0
SupplyCurrent
SinkingOutputCurrent
SourcingOutputCurrent
100
75
50
25
15.0
14.8
14.6
14.4
14.2
14.0
13.8
13.6
OPA2673
www.ti.com..................................................................................................................................................... SBOS382A – JUNE 2008 – REVISED OCTOBER 2008
At TA = +25°C, G = +4V/V, RF = 402Ω, and RL = 100Ω, unless otherwise specified.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 55.
Figure 56.
SMALL-SIGNAL AND
LARGE-SIGNAL PULSE RESPONSES
OVERDRIVE RECOVERY
Figure 57.
Figure 58.
COMPOSITE VIDEO (dG/d
φ)
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 59.
Figure 60.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com