Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2673 Datasheet HTML 1Page - Texas Instruments OPA2673 Datasheet HTML 2Page - Texas Instruments OPA2673 Datasheet HTML 3Page - Texas Instruments OPA2673 Datasheet HTML 4Page - Texas Instruments OPA2673 Datasheet HTML 5Page - Texas Instruments OPA2673 Datasheet HTML 6Page - Texas Instruments OPA2673 Datasheet HTML 7Page - Texas Instruments OPA2673 Datasheet HTML 8Page - Texas Instruments OPA2673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATIONS
1
2
3
4
5
10
9
8
7
6
OutB
-InB
+InB
A1
A0
+V
S
NC
(1)
OutA
-InA
+InA
NC
(1)
-INA
+INA
GND
NC
(1)
-INB
+INB
A1
1
2
3
4
12
11
10
9
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
OPA2673IRGVT
Tape and Reel, 250
OPA2673
QFN-16
RGV
–40°C to +85°C
OPA2673
OPA2673IRGVR
Tape and Reel, 2500
OPA2673IDGQ
Rails, 80
MSOP-10
OPA2673(2)
DGQ
–40°C to +85°C
OPA2673
PowerPAD™
OPA2673IDGQR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available 3Q 2008.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
OPA2673
UNIT
Power supply
±6.5
VDC
Internal power dissipation
See Thermal Characteristics
Differential input voltage
±2
V
Input common-mode voltage range
±VS
V
Storage temperature range: DGQ, RGV packges
–40 to +125
C
Lead temperature soldering
+300
°C
Junction temperature, TJ
+150
°C
Continuous operating junction temperature
+139
°C
Human body model (HBM)
2000
V
ESD
Charge device model (CDM)
1500
V
rating:
Machine model (MM)
200
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
RGV PACKAGE(2)
DGQ PACKAGE(2)(3)
QFN-16
MSOP-10
(TOP VIEW)
(TOP VIEW)
(1)
NC = Not connected.
(2)
–VS connected through PowerPAD.
(3)
Available 3Q 2008.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com