Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 20Page - Texas Instruments OPA2673 Datasheet HTML 21Page - Texas Instruments OPA2673 Datasheet HTML 22Page - Texas Instruments OPA2673 Datasheet HTML 23Page - Texas Instruments OPA2673 Datasheet HTML 24Page - Texas Instruments OPA2673 Datasheet HTML 25Page - Texas Instruments OPA2673 Datasheet HTML 26Page - Texas Instruments OPA2673 Datasheet HTML 27Page - Texas Instruments OPA2673 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LINE DRIVER HEADROOM MODEL
P =10
log
´
L
(1mW)
R
´
L
V
RMS
2
(1)
RM
RM
VLPP
n
VLPP
RL
±IP
±IP
2VLPP
n
1:n
V
=
RMS
10
P
L
(1mW)
R
10
´
´
L
(2)
V =CrestFactor
V
=CF
V
P
RMS
RMS
´
´
(3)
V
=2
CF
V
LP
RMS
P
´
´
(4)
V
=V
(V +V )
I
(R +R )
-
OPP
CC
1
2
-
´
P
1
2
(8)
V
=
CC
1
2
P ´
V
+(V +V )+I
(R +R )
OPP
1
2
(9)
V
=2
CF
LPP
´
´
10
P
L
(1mW)
R
10
´
´
L
(5)
±I =
P
4RM
1
´
2
1
n
2
V
´
LPP
´
(6)
R =
M
2LINE
2n
2
(7)
V
O
R
1
V
1
+V
CC
R
2
V
2
I
P
OPA2673
SBOS382A – JUNE 2008 – REVISED OCTOBER 2008..................................................................................................................................................... www.ti.com
The first step in a driver design is to compute the
peak-to-peak
output
voltage
from
the
target
specifications. This calculation is done using the
following equations:
With PL power and VRMS voltage at the load, and RL
load impedance, this calculation gives:
Figure 79. Driver Peak Output Model
With the required output voltage and current versus
turns ratio set, an output stage headroom model
allows the required supply voltage versus turns ratio
to be developed.
With VP peak voltage at the load and the crest factor,
CF:
The headroom model (see Figure 80) can be
described with the following set of equations:
First, as available output voltage for each amplifier:
with VLPP: peak-to-peak voltage at the load.
Consolidating Equation 1 through Equation 4 allows
the required peak-to-peak voltage at the load function
Or, second, as required single-supply voltage:
of the crest factor, the load impedance, and the
power in the load to be expressed. Thus:
The minimum supply voltage for a set of power and
load requirements is given by Equation 9.
Table 1 gives V1, V2, R1, and R2 for +12V operation
of the OPA2673.
This VLPP is usually computed for a nominal line
impedance and may be taken as a fixed design
target.
The next step for the driver is to compute the
individual amplifier output voltage and currents as a
function of VPP on the line and transformer turns ratio.
As the turns ratio changes, the minimum allowed
supply voltage also changes. The peak current in the
amplifier is given by:
With VLPP defined in Equation 5 and RM defined in
Equation 7.
The peak current is computed in Figure 79 by noting
that the total load is 4RM and that the peak current is
Figure 80. Line Driver Headroom Model
half of the peak-to-peak calculated using VLPP.
Table 1. Line Driver Headroom Model Values
V1
R1
V2
R2
+12V
0.9V
2
Ω
0.9V
2
Ω
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com