Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2673 Datasheet HTML 1Page - Texas Instruments OPA2673 Datasheet HTML 2Page - Texas Instruments OPA2673 Datasheet HTML 3Page - Texas Instruments OPA2673 Datasheet HTML 4Page - Texas Instruments OPA2673 Datasheet HTML 5Page - Texas Instruments OPA2673 Datasheet HTML 6Page - Texas Instruments OPA2673 Datasheet HTML 7Page - Texas Instruments OPA2673 Datasheet HTML 8Page - Texas Instruments OPA2673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
OP
A2673
¨
1
FEATURES
DESCRIPTION
APPLICATIONS
348W
2kW
2kW
1mF
5W
50W
511W
511W
1/2
OPA2673
1/2
OPA2673
+12V
1:1.4
8V
PP
5W
+6.0V
2V
PP
OPA2673
www.ti.com..................................................................................................................................................... SBOS382A – JUNE 2008 – REVISED OCTOBER 2008
Dual, Wideband, High Output Current
Operational Amplifier with Active Off-Line Control
23
• WIDEBAND +12V OPERATION:
The OPA2673 provides the high output current and
340MHz (G = +4V/V)
low distortion required in emerging Power Line
Modem driver applications. Operating on a single
• UNITY-GAIN STABLE: 600MHz (G = +1)
+12V supply, the OPA2673 consumes a low 16mA/ch
• HIGH OUTPUT CURRENT: 700mA
quiescent current to deliver a very high 700mA output
• OUTPUT VOLTAGE SWING: 9.8V
PP
current. This output current supports even the most
demanding Power Line Modem requirements with
• HIGH SLEW RATE: 3000V/µs
greater than 460mA minimum output current (+25°C
• LOW SUPPLY CURRENT: 16mA/ch
minimum value) with low harmonic distortion.
• OVERTEMPERATURE PROTECTION CIRCUIT
Power control features are included to allow system
• FLEXIBLE POWER CONTROL
power consumption to be minimized. Two logic
• OUTPUT CURRENT LIMIT (±800mA)
control lines allow four quiescent power settings: full
power, 75% bias power in applications that are less
• ACTIVE OFF-LINE FOR TDMA
demanding, 50% bias power cutback for short loops,
and offline with active offline control to present a high
impedance even with large signals present at the
• POWER LINE MODEMS
output pin.
• MATCHED I/Q CHANNEL AMPLIFIERS
Specified
on
±6V
supplies
(to
support
+12V
• BROADBAND VIDEO LINE DRIVERS
operation), the OPA2673 also supports up to +13V
• ARB LINE DRIVERS
single or ±6.5V dual supplies. Video applications
• HIGH CAP LOAD DRIVERS
benefit from a very high output current to drive up to
10 parallel video loads (15
Ω) with < 0.1%/0.1° dG/dΦ
RELATED PRODUCTS
nonlinearity.
SINGLES
DUALS
TRIPLES
NOTES
Single +12V
OPA691
OPA2691
OPA3691
Capable
—
THS6042
—
±15V Capable
Single +12V
—
OPA2677
—
Capable
—
OPA2674
—
Single +12V
Capable,
Output Current
Limit
Single-Supply Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673 TI-OPA2673 Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673 TI2-OPA2673 Datasheet
1Mb / 26P
Single Port, High Output Current VDSL2 Line Driver with Power Control
AUGUST 2010
OPA2673IDGQ TI-OPA2673IDGQ Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IDGQR TI-OPA2673IDGQR Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673IRGVR TI-OPA2673IRGVR Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
More results

Similar Description - OPA2673

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2673 TI-OPA2673 Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
Dual, Wideband, High Output Current Operational Amplifier
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
OPA2675 TI-OPA2675_V01 Datasheet
2Mb / 39P
OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com