Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 3Page - Texas Instruments OPA2673 Datasheet HTML 4Page - Texas Instruments OPA2673 Datasheet HTML 5Page - Texas Instruments OPA2673 Datasheet HTML 6Page - Texas Instruments OPA2673 Datasheet HTML 7Page - Texas Instruments OPA2673 Datasheet HTML 8Page - Texas Instruments OPA2673 Datasheet HTML 9Page - Texas Instruments OPA2673 Datasheet HTML 10Page - Texas Instruments OPA2673 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
-55
60
65
70
75
80
85
90
95
100
105
-
-
-
-
-
-
-
-
-
-
0.1
1
10
100
Frequency(MHz)
2ndHarmonic
3rdHarmonic
SingleChannel
G=+4V/V
R =100
V =2V
O
PP
L
W
60
65
70
75
80
85
90
95
100
105
110
-
-
-
-
-
-
-
-
-
-
-
2ndHarmonic
3rdHarmonic
G=+4V/V
R =100
f=10MHz
L
W
0
2
4
6
8
10
OutputVoltage(V )
PP
-
-
-
-
-
-
-
65
70
75
80
85
90
95
10
100
1k
Resistance( )
W
2ndHarmonic
3rdHarmonic
G=+4V/V
V =2V
f=10MHz
PP
O
-76
78
80
82
84
86
88
90
-
-
-
-
-
-
-
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SupplyVoltage(±V )
S
2ndHarmonic
3rdHarmonic
G=+4V/V
R =100
f=10MHz
V =2V
L
W
O
PP
60
50
40
30
20
10
0
0
10
20
30
40
50
100
Frequency(MHz)
PoweratMatched50
Load
W
90
80
70
60
-60
65
70
75
80
85
90
95
-
-
-
-
-
-
-
2ndHarmonic
3rdHarmonic
f=10MHz
R =100
V =2V
L
W
O
PP
1
10
Gain(V/V)
OPA2673
www.ti.com..................................................................................................................................................... SBOS382A – JUNE 2008 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS: VS = ±6V, Full Bias (continued)
At TA = +25°C, G = +4V/V, RF = 402Ω, and RL = 100Ω, unless otherwise specified.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 9.
Figure 10.
TWO-TONE, THIRD-ORDER INTERMODULATION
HARMONIC DISTORTION vs NONINVERTING GAIN
INTERCEPT
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com