Electronic Components Datasheet Search
  English  ▼

X  

OPA2673 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2673
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OPA2673 Datasheet HTML 23Page - Texas Instruments OPA2673 Datasheet HTML 24Page - Texas Instruments OPA2673 Datasheet HTML 25Page - Texas Instruments OPA2673 Datasheet HTML 26Page - Texas Instruments OPA2673 Datasheet HTML 27Page - Texas Instruments OPA2673 Datasheet HTML 28Page - Texas Instruments OPA2673 Datasheet HTML 29Page - Texas Instruments OPA2673 Datasheet HTML 30Page - Texas Instruments OPA2673 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
600
500
400
300
200
NoiseGain
0
20
10
15
5
Driving Capacitive Loads
Output Current and Voltage
OPA2673
www.ti.com..................................................................................................................................................... SBOS382A – JUNE 2008 – REVISED OCTOBER 2008
values used in the Typical Characteristics are also
the zero-current output voltage limit, respectively. The
correcting for board parasitic not considered in the
four quadrants give a more detailed view of the
simplified analysis leading to Equation 15. The values
OPA2673 output drive capabilities, noting that the
shown in Figure 83 give a good starting point for
graph is bounded by a safe operating area of 2W
designs where bandwidth optimization is desired.
maximum internal power dissipation (in this case, for
one channel only). Superimposing resistor load lines
onto the plot shows that the OPA2673 can drive ±4V
into 10
Ω or ±45V into 25Ω without exceeding the
output capabilities or the 2W dissipation limit. A 100
Ω
load line (the standard test circuit load) shows the full
±4.8V output swing capability, as stated in the
Electrical
Characteristics
table.
The
minimum
specified output voltage and current over temperature
are set by worst-case simulations at the cold
temperature extreme. Only at cold startup do the
output current and voltage decrease to the numbers
shown in the Electrical Characteristics table. As the
output
transistors
deliver
power,
the
junction
temperatures
increase,
decreasing
the
VBEs
(increasing the available output voltage swing), and
increasing the current gains (increasing the available
output
current).
In
steady-state
operation,
the
Figure 83. Feedback Resistor vs Noise Gain
available output voltage and current is always greater
than
that
shown
in
the
over-temperature
The total impedance going into the inverting input
specifications because the output stage junction
may be used to adjust the closed-loop signal
temperatures is higher than the minimum specified
bandwidth. Inserting a series resistor between the
operating ambient.
inverting input and the summing junction increases
the
feedback
impedance
(the
denominator
of
Equation 14), decreasing the bandwidth. The internal
One of the most demanding and yet very common
buffer output impedance for the OPA2673 is slightly
load conditions for an op amp is capacitive loading.
influenced by the source impedance coming from of
Often, the capacitive load is the input of an
the noninverting input terminal. High-source resistors
analog-to-digital
converter
(ADC)—including
also have the effect of increasing RI, decreasing the
additional
external
capacitance
that
may
be
bandwidth. For those single-supply applications that
recommended to improve the ADC linearity. A
develop a midpoint bias at the noninverting input
high-speed, high open-loop gain amplifier such as the
through
high
valued
resistors,
the
decoupling
OPA2673 can be very susceptible to decreased
capacitor
is
essential
for
power-supply
ripple
stability and closed-loop response peaking when a
rejection, noninverting input noise current shunting,
capacitive load is placed directly on the output pin.
and to minimize the high-frequency value for RI in
When the amplifier open-loop output resistance is
Figure 82.
considered,
this
capacitive
load
introduces
an
additional pole in the signal path that can decrease
the phase margin. Several external solutions to this
The OPA2673 provides output voltage and current
problem have been suggested.
capabilities that are unsurpassed in a low-cost dual
When the primary considerations are frequency
monolithic op amp. Under no-load conditions at
response flatness, pulse response fidelity, and/or
+25°C, the output voltage typically swings closer than
distortion, the simplest and most effective solution is
1.1V to either supply rail; the tested (+25°C) swing
to isolate the capacitive load from the feedback loop
limit is within 1.2V of either rail. Into a 4
Ω load (the
by inserting a series isolation resistor between the
minimum tested load), it delivers more than ±460mA.
amplifier
output
and
the
capacitive
load.
This
The
specifications
described
previously,
though
approach does not eliminate the pole from the loop
familiar in the industry, consider voltage and current
response, but rather shifts it and adds a zero at a
limits separately. In many applications, it is the
higher frequency. The additional zero acts to cancel
voltage times current (or V-I product) that is more
the phase lag from the capacitive load pole, thus
relevant to circuit operation. Refer to the Output
increasing the phase margin and improving stability.
Voltage and Current Limitations plot in the Typical
The Typical Characteristics show the Differential RS
Characteristics (Figure 6). The X- and Y-axes of this
vs Capacitive Load (Figure 27) and the resulting
graph show the zero-voltage output current limit and
frequency response at the load. Parasitic capacitive
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): OPA2673



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com