Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 4Page - ATMEL Corporation ATSAM3703 Datasheet HTML 5Page - ATMEL Corporation ATSAM3703 Datasheet HTML 6Page - ATMEL Corporation ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation ATSAM3703 Datasheet HTML 10Page - ATMEL Corporation ATSAM3703 Datasheet HTML 11Page - ATMEL Corporation ATSAM3703 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
6237A–DRMSD–29-May-06
ATSAM3703
SYNC
12
In
Pu
3
Serial slave synchronous interface input sync signal
WR
17
In
Pu
4
Slave 8-bit interface write, active low. D7-D0 data is sampled by
chip on WR rising edge if CS is low
SMC
17
In
Pu
4
SmartMedia configuration. This pin is sensed after power-up. If
found low, it is assumed that a SmartMedia connector is
present. The built-in firmware waits for SmartMedia SMPD.
P0.12
17
In
Pu
4
General purpose input pin
RD
18
In
Pu
5
Slave 8-bit interface read, active low. D7-D0 data is output
when RD goes low and CS is low
R|B
18
In
Pu
5
SmartMedia Ready Busy status
P0.13
18
In
Pu
5
General purpose input pin
MIDI_IN
18
In
Pu
5
Serial MIDI in
SDIN
18
In
Pu
5
Serial slave synchronous interface input data
IRQ
11
Out
6
Slave 8bit interface interrupt request. High when data is ready
to be transferred from chip to host. Reset by a read from host
(CS = 0 and RD = 0)
SMRE
11
Out
6
SmartMedia read enable (RE), active low
FS0
11
In
6
Freq sense, sensed at power up. Together with FS1, allows the
firmware to know the operating freq of the chip (see FS1)
P0.8
11
I/O
6
General purpose I/O pin
INT
11
Out
6
Serial slave synchronous interface data request, active low.
DABD0
73
Out
Stereo channel 0 of digital audio output, I2S format
DABD1
74
Out
7
Stereo channel 1 of digital audio output, I2S format
P0.14
74
Out
7
General purpose output pin
DABD2
75
Out
8
Stereo channel 2 of digital audio output, I2S format
P0.15
75
Out
8
General purpose output pin
DABD3
78
Out
9
Stereo channel 3 of digital audio output, I2S format
MIDI_OUT
78
Out
9
Serial MIDI out
DAAD0
66
In
Pd
-
Stereo audio data input, I2S format. Can operate on CLBD
master rate or CLAD0 or CLAD01 external rate when sampling
rate conversion is requested. DAAD0 has built-in pull-down. It
may be left open if not used.
DAAD1
67
In
Pd
-
Additional channel of stereo audio input, I2S format. Can
operate on CLBD master rate or CLAD1 or CLAD01 external
rate when sampling rate conversion is requested. DAAD1 has
built-in pull-down. It may be left open if not used.
Table 6-1.
ATSAM3703 Pin Description (Continued)
Pin Name
Pin Number
Type
Sharing
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com