Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 14Page - ATMEL Corporation ATSAM3703 Datasheet HTML 15Page - ATMEL Corporation ATSAM3703 Datasheet HTML 16Page - ATMEL Corporation ATSAM3703 Datasheet HTML 17Page - ATMEL Corporation ATSAM3703 Datasheet HTML 18Page - ATMEL Corporation ATSAM3703 Datasheet HTML 19Page - ATMEL Corporation ATSAM3703 Datasheet HTML 20Page - ATMEL Corporation ATSAM3703 Datasheet HTML 21Page - ATMEL Corporation ATSAM3703 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
18
6237A–DRMSD–29-May-06
ATSAM3703
8.3
DC Characteristics
Table 8-4.
DC Characteristics (TA= 25°C, VC18 = 1.8V±10%, VC33 = 3.3V±10%, VC25 = 2.5V±10%
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Low level input voltage, except X1, PDWN and SSTL pads
-0.3
-
0.8
V
VIH
High level input voltage, except X1, PDWN and SSTL pads
2
-
3.6
V
VIL
Low level input voltage SSTL pads
-
-
VREF-0.31
V
VIH
High level input voltage SSTL pads
VREF+0.31
-
-
V
VIL
Low level input voltage X1, PDWN
-0.3
-
0.605
V
VIH
High level input voltage X1, PDWN
1.235
-
VC18+0.3
V
VOL
Low level output voltage IOL = -2mA (Memory pads excepted)
-
-
0.4
V
VOH
High level output voltage IOH = 2mA (SSTL pads excepted)
VC33-0.4
-
-
V
VOL
Low level output voltage IOL = -2mA (SSTL pads only)
-
-
0.4
V
VOH
High level output voltage IOH = 2mA (SSTL pads only)
VC25-0.4
-
-
V
IC18
VC18 power supply current (crystal freq. = 12.288 MHz, all 3 P24
running)
-46
-
mA
IC18
VC18 power supply current (crystal freq. = 12.288 MHz, all P24
stopped, warm start power-down active)
-4
-
mA
IC18
VC18 deep power down supply current (using power switch)
-
1
10
µA
IC33
VC33 power supply current (crystal freq.= 12.288 MHz)
-
1
-
mA
IC25
VC25 power supply current (crystal freq.= 12.288 MHz, RS = 25,
RT = 50)
-75
-
mA
PU/PD
Built-in pull-up / pull-down resistor
10
-
56
kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com