Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 23Page - ATMEL Corporation ATSAM3703 Datasheet HTML 24Page - ATMEL Corporation ATSAM3703 Datasheet HTML 25Page - ATMEL Corporation ATSAM3703 Datasheet HTML 26Page - ATMEL Corporation ATSAM3703 Datasheet HTML 27Page - ATMEL Corporation ATSAM3703 Datasheet HTML 28Page - ATMEL Corporation ATSAM3703 Datasheet HTML 29Page - ATMEL Corporation ATSAM3703 Datasheet HTML 30Page - ATMEL Corporation ATSAM3703 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
6237A–DRMSD–29-May-06
ATSAM3703
9.5
Digital Audio
Pins used:
• CLBD, WSBD (outputs)
• DABD3 - 0 (outputs)
• DAAD3 - 0 (inputs)
And optionally
• CLAD3 - 0, WSAD3 - 0 (inputs)
The ATSAM3703 allows for 8 digital audio output channels and 8 digital audio input channels.
All audio channels are normally synchronized on single clocks CLBD, WSBD which are derived
from the IC crystal oscillator. However, as a firmware option, the DAAD3 - 0 inputs can be syn-
chronized with incoming CLAD3 - 0 and WSAD3 - 0 signals. In this case, the incoming sampling
frequencies must be lower or equal to the chip sampling frequency.
The digital audio timing follows the I2S standard, with up to 24 bits per sample.
Figure 9-4.
Digital Audio Timing
t
C is related to tCK, the crystal period at X1, as shown in Table 9-16.
The choice of sample frequency is done by the firmware.
Table 9-15.
Digital Audio Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
CW
CLBD rising to WSBD change
t
C - 10
-
-
ns
tSOD
DABD valid prior/after CLBD rising
tC - 10
-
-
ns
t
CLBD
CLBD cycle time
-
2*tc
-
ns
Table 9-16.
Sample Frequency
Sample Frequency
WSBD
Typical Sample
Frequency
tC
CLBD/WSBD Freq Ratio
1/(tCK * 128)
96 kHz
tCK
64
1/(t
CK * 192)
64 kHz
2 * t
CK
48
1/(tCK * 256)
48 kHz
2 * tCK
64
1/(tCK * 384)
32 kHz
4 * tCK
48
tCW
tCW
tSOD
tSOD
tCLBD
WSBD
CLBD
DABD3 - 0
DAAD3 - 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com