Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 27Page - ATMEL Corporation ATSAM3703 Datasheet HTML 28Page - ATMEL Corporation ATSAM3703 Datasheet HTML 29Page - ATMEL Corporation ATSAM3703 Datasheet HTML 30Page - ATMEL Corporation ATSAM3703 Datasheet HTML 31Page - ATMEL Corporation ATSAM3703 Datasheet HTML 32Page - ATMEL Corporation ATSAM3703 Datasheet HTML 33Page - ATMEL Corporation ATSAM3703 Datasheet HTML 34Page - ATMEL Corporation ATSAM3703 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31
6237A–DRMSD–29-May-06
ATSAM3703
11. Recommended Board Layout
Like all HCMOS high integration ICs, the following rules for board layout are mandatory for reli-
able operations.
11.1
GND, VC33, VC25, VC18 Distribution, Decoupling
All GND, VC33, VC25, VC18 pins should be connected. A GND plane is strongly recommended.
The board GND, VC33, VC25 and VC18 distribution should be in grid form.
Recommended VC18 decoupling is 0.1µF at each VC18 pin of the IC with an additional 10µFT
decoupling close to the crystal. Minimum recommended VC25 decoupling is 0.1µF at pin 22, 42
and 55. VC33 requires a single 0.1µF decoupling.
11.2
Crystal
The paths between the crystal, the crystal compensation capacitors and the IC should be short
and shielded. The ground return from the compensation capacitors filter should be the GND
plane from the IC.
11.3
Buses
Parallel layout from D0-D7 and WA0-WA11/WDQ0-WDQ3 should be avoided. The D0-D7 bus is
an asynchronous type bus. Even on short distances, it can induce pulses on WA0-
WA11/WDQ0-WDQ3 which can corrupt address and/or data on these buses.
A ground plane should be implemented below the D0-D7 bus, which connects both to the host
and to the IC GND.
A ground plane should be implemented below the WA0-WA11/WDQ0-WDQ3 bus, which con-
nects both to the SDRAM or DDR SDRAM grounds and to the IC.
11.4
DDR SDRAM and SDRAM
The routing of all signals must be as symmetric as possible. This applies particularly to WDQS,
WDQ3, WDQ2, WDQ1 and WDQ0 signals.
The routing of all signals should be kept as short as possible.
VREF must be equal to VC25/2, generated with a resistive divider. Both resistors must have the
same value (1% precision). Suggested range is 50 - 150 Ohm. Proper decoupling at each VREF
pin (controller, VREF source and RAM device) is recommended.
The SSTL2 signals (DDR) must use a parallel termination (47 Ohm, for example). This termina-
tion must be connected to VTT (VC25/2). This VTT is generated from a special component (able
to source or to sink current) using VREF as reference. This termination must be placed just after
DDR device.
11.5
Analog Section
A specific AGND ground plane should be provided, which connects by a single trace to the GND
ground. No digital signals should cross the AGND plane. Refer to the Codec vendor recom-
mended layout for correct implementation of the analog section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com