Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 26Page - ATMEL Corporation ATSAM3703 Datasheet HTML 27Page - ATMEL Corporation ATSAM3703 Datasheet HTML 28Page - ATMEL Corporation ATSAM3703 Datasheet HTML 29Page - ATMEL Corporation ATSAM3703 Datasheet HTML 30Page - ATMEL Corporation ATSAM3703 Datasheet HTML 31Page - ATMEL Corporation ATSAM3703 Datasheet HTML 32Page - ATMEL Corporation ATSAM3703 Datasheet HTML 33Page - ATMEL Corporation ATSAM3703 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
6237A–DRMSD–29-May-06
ATSAM3703
10. Reset and Power Down
During power-up, the RESET input should be held low until the crystal oscillator and PLL are
stabilized, which takes max. 10ms.
After the low to high transition of RESET, the following occurs:
• All P24s enter an idle state.
• P16 program execution starts in built-in ROM.
The power-up sequence is as follows:
• STIN is sensed. If HIGH, then the built-in debugger is started.
• Addresses 0 &1 from internal EEPROM are checked. If “DR” is read, then control is
transferred to address 400H from internal EEPROM.
•SMC is sensed. If LOW, then the built-in loader waits for SmartMedia presence detect
(SMPD). When detected, the firmware is downloaded from SmartMedia reserved sector 1
and started.
• Firmware download from an host processor is assumed. (Download in 8K x 24 internal RAM)
1.
The byte 0ACh is written to the host, this rises IRQ. The host can recognize that the
chip is ready to accept program download. Higher speed transfer can be reach by poll-
ing the parallel interface status (CS=0, A0=1, RD=0).
2.
The host sends the firmware size (in words) on two bytes (low byte first).
3.
The host sends the ATSAM3703 firmware. The firmware should begin with string “DR”.
4.
The byte 0ACh is written to the host, this rises IRQ. The host can recognize that the
chip has accepted the firmware.
5.
ATSAM3703 starts the firmware.
If PDWN is asserted low, then the crystal oscillator and PLL are stopped. If the power switch is
used, then the chip enters a deep power down sleep mode, as power is removed from the core.
To exit power down, PDWN has to be asserted high, then RESET applied.
Other power reduction features allowing warm restart are controlled by firmware:
• P24s can be individually stopped.
• The clock frequency can be internally divided by 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com