Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 16Page - ATMEL Corporation ATSAM3703 Datasheet HTML 17Page - ATMEL Corporation ATSAM3703 Datasheet HTML 18Page - ATMEL Corporation ATSAM3703 Datasheet HTML 19Page - ATMEL Corporation ATSAM3703 Datasheet HTML 20Page - ATMEL Corporation ATSAM3703 Datasheet HTML 21Page - ATMEL Corporation ATSAM3703 Datasheet HTML 22Page - ATMEL Corporation ATSAM3703 Datasheet HTML 23Page - ATMEL Corporation ATSAM3703 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
6237A–DRMSD–29-May-06
ATSAM3703
9.1.2
IO Status Register
• TE: Transmit empty
If 0, data from ATSAM3703 to host is pending and IRQ is high. Reading the data at A0 = 0 sets
TE to 1 and clear IRQ.
• RF: Receiver full
If 0, then ATSAM3703 is ready to accept DATA from host.
Note:
If status bit RF is not checked by host, write cycle time should not be lower than 3 µs.
9.2
SmartMedia and Other Peripheral Interfaces
This is a master 8-bit parallel interface, allowing connection to SmartMedia or other peripherals
such as LCD screens.
Pins used:
• I/O7 - I/O0 (I/O)
• SMPD (input)
•SMCE, SMALE, SMCLE, SMRE, SMWE (outputs)
All these pins are fully under firmware control, therefore timing compatibility is ensured by firm-
ware only.
9.3
Serial Slave Synchronous Interface
The SAM3303 can be controlled by an external host processor through the unidirectional serial
interface. However, no firmware can be downloaded at power-up through this interface. There-
fore an external ROM/Flash/EEPROM is required.
Pins used:
• SCLK, SYNC, SDIN (input)
•INT (output)
Data is shifted MSB first. The IC samples an incoming SDIN bit on the rising edge of SCLK,
therefore the host should change SDIN on the negative SCLK edge.
SYNC allows initial synchronization. The rising edge of SYNC, which should occur with SCLK
low, indicates that SDIN holds MSB data on the next rising SCLK.
The data is stored internally into a 256 bytes FIFO.
When the FIFO count is below 64, the INT output goes low. This allows the host processor to
send data in burst mode.
t
PWR
WR pulse width
50
-
-
ns
t
DWS
Write data setup time
10
-
-
ns
tDWH
Write data hold time
0.9
-
-
ns
Table 9-1.
Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
TE
RF
X
X
X
X
X
X
Status register is read when A0 = 1, RD = 0, CS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com