Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 10Page - ATMEL Corporation ATSAM3703 Datasheet HTML 11Page - ATMEL Corporation ATSAM3703 Datasheet HTML 12Page - ATMEL Corporation ATSAM3703 Datasheet HTML 13Page - ATMEL Corporation ATSAM3703 Datasheet HTML 14Page - ATMEL Corporation ATSAM3703 Datasheet HTML 15Page - ATMEL Corporation ATSAM3703 Datasheet HTML 16Page - ATMEL Corporation ATSAM3703 Datasheet HTML 17Page - ATMEL Corporation ATSAM3703 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
6237A–DRMSD–29-May-06
ATSAM3703
7.
Mechanical Dimensions
Figure 7-1.
Thin 80-lead Quad Flat Pack (LQFP80)
Table 7-1.
LQFP Dimensions (mm)
Parameter
Min
Nominal
Max
A
-
1.40
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
L
0.450.600.75
D
12.00
D1
10.00
E
12.00
E1
10.00
P0.40
B
0.130.160.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com