Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 5Page - ATMEL Corporation ATSAM3703 Datasheet HTML 6Page - ATMEL Corporation ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation ATSAM3703 Datasheet HTML 10Page - ATMEL Corporation ATSAM3703 Datasheet HTML 11Page - ATMEL Corporation ATSAM3703 Datasheet HTML 12Page - ATMEL Corporation ATSAM3703 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
6237A–DRMSD–29-May-06
ATSAM3703
DAAD2
68
In
Pd
10
Additional channel of stereo audio input, I2S format. Can
operate on CLBD master rate or CLAD2 external rate when
sampling rate conversion is requested. DAAD2 has built-in pull-
down. It may be left open if not used.
CLAD01
68
In
Pd
10
Optional bit clock for digital audio inputs DAAD1-0. Used for
sampling rate conversion, for external incoming digital audio
such as AES/BEU or S/Pdif.
DAAD3
69
In
Pd
11
Additional channel of stereo audio input, I2S format. Can
operate on CLBD master rate or CLAD3 external rate when
sampling rate conversion is requested. DAAD3 has built-in pull-
down. It may be left open if not used.
WSAD01
69
In
Pd
11
Optional word select for digital audio inputs DAAD1-0. Used for
sampling rate conversion, for external incoming digital audio
such as AES/BEU or S/Pdif.
FS1
69
In
Pd
11
Freq sense, sensed at power up. FS1|FS0 allow firmware to
know operating freq of chip as follows (optional):00- 6.9552
MHz 01- 9.6 MHz 10- 11.2896 MHz 11- 12.288 MHz
P0.9
69
In
Pd
11
General purpose Input pin
CLBD
72
Out
-
Audio bit clock for DABD3-0. Audio bit clock for DAAD3-0 if the
corresponding CLAD3-0 is not used.
WSBD
80
Out
-
Audio left/right channel select for DABD3-0. Audio left/right
channel for DAAD3-0 if the corresponding WSAD3-0 is not
used.
CKOUT
71
Out
-
External DAC/Codec master clock. Same or double frequency
as X2 pin. Can be programmed to be 128xFs, 192xFs, 256xFs,
384xFs, 512xFs, Fs being the DAC/Codec sampling rate.
WA11 - WA0
35, 34, 31, 30, 29, 27,
26, 25, 23, 21, 20, 19
Out
SSTL
12
Multiplexed addresses for external SDRAM or DDR SDRAM
memory
P2.11 - P2.0
35, 34, 31, 30, 29, 27,
26, 25, 23, 21, 20, 19
I/O
SSTL
12
General purpose I/O pins
WCKE
57
Out
SSTL
13
Clock Enable for external SDRAM or DDR SDRAM memory
P2.12
57
I/O
SSTL
13
General purpose I/O pin
WBA1 - WBA0
37, 36
Out
SSTL
14
Bank selects for external SDRAM or DDR SDRAM memory
P2.14 - P2.13
37, 36
I/O
SSTL
14
General purpose I/O pins
WDQ3
52
I/O
SSTL
15
External memory SDRAM or DDR SDRAM data bit 3
P1.3
52
I/O
SSTL
15
General purpose I/O pins
Table 6-1.
ATSAM3703 Pin Description (Continued)
Pin Name
Pin Number
Type
Sharing
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com