Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 11Page - ATMEL Corporation ATSAM3703 Datasheet HTML 12Page - ATMEL Corporation ATSAM3703 Datasheet HTML 13Page - ATMEL Corporation ATSAM3703 Datasheet HTML 14Page - ATMEL Corporation ATSAM3703 Datasheet HTML 15Page - ATMEL Corporation ATSAM3703 Datasheet HTML 16Page - ATMEL Corporation ATSAM3703 Datasheet HTML 17Page - ATMEL Corporation ATSAM3703 Datasheet HTML 18Page - ATMEL Corporation ATSAM3703 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
6237A–DRMSD–29-May-06
ATSAM3703
8.
Electrical Characteristics
8.1
Absolute Maximum Ratings
8.2
Recommended Operating Conditions
Note:
1. Operation at lower VC33 values down to VC18 is possible, however external timing may be impaired. Contact Atmel if you plan
to use these circuits with V
C33 outside the recommended operating range.
8.2.1
SSTL_2 Pads
Memory pads of ATSAM3703 are SSTL_2 compliant. This feature allows direct interfacing with
DDR SDRAM devices.
8.2.1.1
DDR SDRAM Operation
When using DDR SDRAM memory, it is recommended to use the schematic in Figure 8-1 for
Address, Data and Data Strobe.
In power-down mode, the command lines (WRAS, WCAS, WWE, WCKE) have a fixed level, in
contrast with address and data lines which are floating. To avoid consumption in power-down,
RT can be not implemented on command lines.
Temperature under bias.................................. -55
° C to 125° C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
Recommended Operating Conditions of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods
may affect device reliability.
Storage Temperature ...................................... -65
° C to 150° C
Voltage on any pin
X1, PWDN .................................................. -0.3 to V
C18 + 0.3V
Others ......................................................... -0.3 to VC33 + 0.3V
Supply Voltage..........................................................................
VC18....................................................................-0.3V to 1.95V
V
C25...................................................................... -0.3V to 3.6V
VC33......................................................................-0.3V to 3.6V
Maximum IOL per I/O pin................................................. 4 mA
(except SSTL pins)
Maximum IOH per I/O pin
(except SSTL pins) .......................................................... 4 mA
Maximum IOL per SSTL pin ............................................ 8 mA
-VOUT = VTT - 0.405
Maximum IOH per I/O pin
-VOUT = VTT + 0.405...................................................... 8 mA
Table 8-1.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
V
C18
Supply voltage
1.65
1.8
1.95
V
V
C33
Supply voltage(1)
33.3
3.6
V
PWRIN
Supply voltage PWRIN pin
1.75
1.9
1.95
V
T
A
Operating ambient temperature
0
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com