Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 18Page - ATMEL Corporation ATSAM3703 Datasheet HTML 19Page - ATMEL Corporation ATSAM3703 Datasheet HTML 20Page - ATMEL Corporation ATSAM3703 Datasheet HTML 21Page - ATMEL Corporation ATSAM3703 Datasheet HTML 22Page - ATMEL Corporation ATSAM3703 Datasheet HTML 23Page - ATMEL Corporation ATSAM3703 Datasheet HTML 24Page - ATMEL Corporation ATSAM3703 Datasheet HTML 25Page - ATMEL Corporation ATSAM3703 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
6237A–DRMSD–29-May-06
ATSAM3703
9.4.2.2
Pinning
9.4.2.3
Timing
General Parameters
The DDR SDRAM is used with parameters defined in Table 9-4.
Table 9-3.
DDR SDRAM Pinning
ATSAM3703 Pin
DDR Pin
Description
-
A13, A12
Unused address bits (for larger device). Must be tied to zero.
WA11..WA0
A11..A0
Address
WBA1, WBA0
BA1, BA0
Bank address
WD3..WD0
DQ3..DQ0
Data
WDQS
DQS
Data strobe
DM
Data mask. Must be tied to zero.
WCK, WCK
CK, CK
Differential clock
WCKE
CKE
Clock enable
-CS
Chip select. Must be tied to zero.
WCAS
CAS
Command
WRAS
RAS
WWE
WE
VREF
VREF
SSTL_2 reference voltage. Must be connected to 1.25 V.
Table 9-4.
DDR SDRAM General Parameters
Symbol
Parameter
Value
t
CK
Clock cycle time
10 ns
CL
Mode Register
CAS Latency
2 cycles
Burst length
4 data
Burst type
sequential
Operating mode
normal
Extended mode register
DLL
enabled
Output drive strength
normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com