Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 22Page - ATMEL Corporation ATSAM3703 Datasheet HTML 23Page - ATMEL Corporation ATSAM3703 Datasheet HTML 24Page - ATMEL Corporation ATSAM3703 Datasheet HTML 25Page - ATMEL Corporation ATSAM3703 Datasheet HTML 26Page - ATMEL Corporation ATSAM3703 Datasheet HTML 27Page - ATMEL Corporation ATSAM3703 Datasheet HTML 28Page - ATMEL Corporation ATSAM3703 Datasheet HTML 29Page - ATMEL Corporation ATSAM3703 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
6237A–DRMSD–29-May-06
ATSAM3703
ATSAM3703 to SDRAM
The outputs of ATSAM3703 meet constraints as in Table 9-12.
SDR to ATSAM3703
The data from SDR to ATSAM3703 must meet following timing requirements. These parameters
are applicable at input of ATSAM3703, and must include effects of SDR device and effects of
board layout.
9.4.4
Address Mapping
For information, the mapping in Table 9-14 is applied from the internal async bus address
AAD[22:0] to the SDRAM address.
Note:
WA[1:0] = 00 at CAS time means that for each read or write operation at a specified address, four
nibbles are read or write in the burst sequential order (0,1, 2, 3). Other sequential orders are not
allowed.
Table 9-12.
ATSAM9703 Output Constraints
Symbol
Parameter
Value(50 MHz)
Value(100 MHz)
tIH
Address and control hold time
min 8.8 ns
min 3.8 ns
tIS
Address and control setup time
min 8.3 ns
min 3.3 ns
t
DS
DQ and DM setup time
min 14.3 ns
min 6.8 ns
tDH
DQ and DM hold time
min 3.8 ns
min 1.4 ns
Table 9-13.
Timing Requirements
Parameter
Value
DQ setup time
min 2.0 ns
DQ hold time
min 1.8 ns
Table 9-14.
Address Mapping
ATSAM3703 Address Bus
Value at RAS time
Value at CAS time
WBA0
AAD0
AAD0
WBA1
AAD1
AAD1
WA0
AAD10
0 (see note)
WA1
AAD11
0 (see note)
WA2
AAD12
AAD2
WA3
AAD13
AAD3
WA4
AAD14
AAD4
WA5
AAD15
AAD5
WA6
AAD16
AAD6
WA7
AAD17
AAD7
WA8
AAD18
AAD8
WA9
AAD19
AAD9
WA10
AAD20
Auto-Precharge
WA11
AAD21
AAD22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com