Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 12Page - ATMEL Corporation ATSAM3703 Datasheet HTML 13Page - ATMEL Corporation ATSAM3703 Datasheet HTML 14Page - ATMEL Corporation ATSAM3703 Datasheet HTML 15Page - ATMEL Corporation ATSAM3703 Datasheet HTML 16Page - ATMEL Corporation ATSAM3703 Datasheet HTML 17Page - ATMEL Corporation ATSAM3703 Datasheet HTML 18Page - ATMEL Corporation ATSAM3703 Datasheet HTML 19Page - ATMEL Corporation ATSAM3703 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
6237A–DRMSD–29-May-06
ATSAM3703
Figure 8-1.
Typical SSTL_2 Input/Output Environment
Notes:
1. VC25 = 2.5V
2. VREF = 1.25 V
3. VTT = 1.25V (sink / source capability)
For more details on SSTL_2, refer to the EIA/JEDEC standard EIA/JESD8-9.
Table 8-2.
Parameters
Symbol
Parameter
Min
Typ
Max
Unit
VC25
Supply voltage
2.3
2.5
2.75
V
VREF
Reference voltage
VC25/2 - 0.04
1.25
VC25/2 + 0.04
V
RS
Serial resistor
22.5
25
27.5
Ohm
RT
Termination resistor
45
50
55
Ohm
Output Buffer
GND
VOUT
VIN
VREF
VTT
RS
50 Ohm
RT
VC25
25 Ohm
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com