Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 20Page - ATMEL Corporation ATSAM3703 Datasheet HTML 21Page - ATMEL Corporation ATSAM3703 Datasheet HTML 22Page - ATMEL Corporation ATSAM3703 Datasheet HTML 23Page - ATMEL Corporation ATSAM3703 Datasheet HTML 24Page - ATMEL Corporation ATSAM3703 Datasheet HTML 25Page - ATMEL Corporation ATSAM3703 Datasheet HTML 26Page - ATMEL Corporation ATSAM3703 Datasheet HTML 27Page - ATMEL Corporation ATSAM3703 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
6237A–DRMSD–29-May-06
ATSAM3703
9.4.3
Single Data Rate SDRAM
9.4.3.1
Memory Size
The data bus is 4 bits wide. Due to the 12-bit address bus, the maximum accessible address
space is 128 Mbits (32M x 4). Larger components are supported, but only a part of the address
space is used.
9.4.3.2
Pinning
Table 9-7.
Timing Requirements
Symbol
Parameter
Value
tDQSQ
Skew between WDQS, WD3, WD2, WD1 and WD0
max 1.6 ns
t
DQSCK
Delay from WCK, WCK to WDQS (excluding CAS latency)
max 5 ns
Table 9-8.
SDR SDRAM Memory Size
DDR Size
Bank
Address
Row
Address
Column
Address
Remark
64 Mbits (16M x 4)
2 bits
12 bits
10 bits
128 Mbits (32M x 4)
2 bits
12 bits
11 bits
256 Mbits (64M x 4)
2 bits
13 bits
11 bits
Only 12-bit rows are used (only 128 Mbits are
accessible)
512 Mbits (128M x 4)
2 bits
13 bits
12 bits
Table 9-9.
SDR Pinning
ATSAM3703 Pin
SDR Pin
Description
-
A13, A12
Unused address bits (for larger device). Must be tied to zero.
WA11..WA0
A11..A0
Address
WBA1, WBA0
BA1, BA0
Bank address
WD3..WD0
DQ3..DQ0
Data
WDQS
-
Not used. Must be left unconnected.
DM
Data mask. Must be tied to zero.
WCK
CK
Clock
WCK
-
Not used. Must be left unconnected.
WCKE
CKE
Clock enable
-CS
Chip select. Must be tied to zero.
WCAS
CAS
Command
WRAS
RAS
WWE
WE
VREF
-
Must be connected to VC25/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com