Electronic Components Datasheet Search
  English  ▼

X  

ATSAM3703 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATSAM3703
Description  Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3703 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATSAM3703 Datasheet HTML 7Page - ATMEL Corporation ATSAM3703 Datasheet HTML 8Page - ATMEL Corporation ATSAM3703 Datasheet HTML 9Page - ATMEL Corporation ATSAM3703 Datasheet HTML 10Page - ATMEL Corporation ATSAM3703 Datasheet HTML 11Page - ATMEL Corporation ATSAM3703 Datasheet HTML 12Page - ATMEL Corporation ATSAM3703 Datasheet HTML 13Page - ATMEL Corporation ATSAM3703 Datasheet HTML 14Page - ATMEL Corporation ATSAM3703 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
6237A–DRMSD–29-May-06
ATSAM3703
X1 - X2
64, 63
-
-
External crystal connection. Standard frequencies are 6.9552
MHz, 9.6 MHz, 11.2896 MHz, 12.288 MHz. Max frequency is
12.5 MHz. An external clock (max. 1.8Vpp) can be connected
to X1 using AC coupling (22pF). A built-in PLL multiplies the
clock frequency by 4 for internal use.
RESET
14
In
-
Master reset Schmitt trigger input, active low. RESET should
be held low during at least 10ms after power is applied. On the
rising edge of RESET, the chip enters an initialization routine,
which may involve firmware download from an external
SmartMedia, or host.
STIN
65
In
Pd
-
Serial test input. This is a 57.6 kbauds asynchronous input
used for firmware debugging. This pin is tested at power-up.
The built-in debugger starts if STIN is found high. STIN has a
built-in pull-down. It should be grounded or left open for normal
operation.
STOUT
79
Out
-
Serial test output. 57.6 kbauds async output used for firmware
debugging.
PDWN
60
In
-
Power down input, active low. High level on this pin is typ.
VC18. When PDWN is low, the oscillator and PLL are stopped,
the power switch opens, and the chip enters a deep sleep
mode (1µA typ. consumption when power switch is used). To
exit from power down, PDWN has to be set high then RESET
applied. Alternate programmable power-downs are available
which allow warm restart of the chip.
TEST
15
In
Pd
-
Test input. Should be grounded or left open.
Table 6-1.
ATSAM3703 Pin Description (Continued)
Pin Name
Pin Number
Type
Sharing
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com