Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 3Page - Linear Technology LTC3707IGN Datasheet HTML 4Page - Linear Technology LTC3707IGN Datasheet HTML 5Page - Linear Technology LTC3707IGN Datasheet HTML 6Page - Linear Technology LTC3707IGN Datasheet HTML 7Page - Linear Technology LTC3707IGN Datasheet HTML 8Page - Linear Technology LTC3707IGN Datasheet HTML 9Page - Linear Technology LTC3707IGN Datasheet HTML 10Page - Linear Technology LTC3707IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC3707
7
3707fb
TYPICAL PERFORMANCE CHARACTERISTICS
Input Source/Capacitor
Instantaneous Current (Figure 13)
Burst Mode Operation (Figure 13)
Constant Frequency (Burst Inhibit)
Operation (Figure 13)
Current Sense Pin Input Current
vs Temperature
EXTVCC Switch Resistance
vs Temperature
Oscillator Frequency
vs Temperature
Undervoltage Lockout
vs Temperature
Shutdown Latch Thresholds
vs Temperature
TEMPERATURE (°C)
–50
–25
25
29
35
0
50
75
3707 G26
27
33
31
25
100
125
VOUT = 5V
TEMPERATURE (°C)
–50
–25
0
4
10
0
50
75
3707 G27
2
8
6
25
100
125
TEMPERATURE (°C)
–50
200
250
350
25
75
3707 G28
150
100
–25
0
50
100
125
50
0
300
VFREQSET = 5V
VFREQSET = OPEN
VFREQSET = 0V
TEMPERATURE (°C)
–50
3.40
3.45
3.50
25
75
3707 G29
3.35
3.30
–25
0
50
100
125
3.25
3.20
TEMPERATURE (°C)
–50
–25
0
0.5
1.5
2.0
2.5
75
100
50
4.5
3707 G30
1.0
0
25
125
3.0
3.5
4.0
LATCH ARMING
LATCHOFF
THRESHOLD
VIN = 15V
VOUT = 5V
IOUT5 = IOUT3.3 = 2A
1μs/DIV
3707 G22
VIN
200mV/DIV
IIN
2A/DIV
VSW2
10V/DIV
VSW1
10V/DIV
VIN = 15V
VOUT = 5V
VFCB = OPEN
IOUT = 20mA
10μs/DIV
3707 G23
IOUT
0.5A/DIV
VOUT
20mV/DIV
VIN = 15V
VOUT = 5V
VFCB = 5V
IOUT = 20mA
2μs/DIV
3707 G24
IOUT
0.5A/DIV
VOUT
20mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com