Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 6Page - Linear Technology LTC3707IGN Datasheet HTML 7Page - Linear Technology LTC3707IGN Datasheet HTML 8Page - Linear Technology LTC3707IGN Datasheet HTML 9Page - Linear Technology LTC3707IGN Datasheet HTML 10Page - Linear Technology LTC3707IGN Datasheet HTML 11Page - Linear Technology LTC3707IGN Datasheet HTML 12Page - Linear Technology LTC3707IGN Datasheet HTML 13Page - Linear Technology LTC3707IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC3707
10
3707fb
OPERATION
Main Control Loop
The LTC3707 uses a constant frequency, current mode
step-down architecture with the two controller channels
operating 180 degrees out of phase. During normal
operation, each top MOSFET is turned on when the clock
for that channel sets the RS latch, and turned off when
the main current comparator, I1, resets the RS latch.
The peak inductor current at which I1 resets the RS
latch is controlled by the voltage on the ITH pin, which
is the output of each error amplifier EA. The VOSENSE pin
receives the voltage feedback signal, which is compared
to the internal reference voltage by the EA. When the load
current increases, it causes a slight decrease in VOSENSE
relative to the 0.8V reference, which in turn causes the
ITH voltage to increase until the average inductor current
matches the new load current. After the top MOSFET has
turned off, the bottom MOSFET is turned on until either the
inductor current starts to reverse, as indicated by current
comparator I2, or the beginning of the next cycle.
The top MOSFET drivers are biased from floating bootstrap
capacitor CB, which normally is recharged during each off
cycle through an external diode when the top MOSFET
turns off. As VIN decreases to a voltage close to VOUT,
the loop may enter dropout and attempt to turn on the
top MOSFET continuously. The dropout detector detects
this and forces the top MOSFET off for about 500ns every
tenth cycle to allow CB to recharge.
The main control loop is shut down by pulling the RUN/
SS pin low. Releasing RUN/SS allows an internal 1.2μA
current source to charge soft-start capacitor CSS. When
CSS reaches 1.5V, the main control loop is enabled with the
ITH voltage clamped at approximately 30% of its maximum
value. As CSS continues to charge, the ITH pin voltage is
gradually released allowing normal, full-current operation.
When both RUN/SS1 and RUN/SS2 are low, all LTC3707
controller functions are shut down, and the STBYMD pin
determines if the standby 5V and 3.3V regulators are
kept alive.
Low Current Operation
The FCB pin is a multifunction pin providing two
functions: 1) an analog input to provide regulation for a
secondary winding by temporarily forcing continuous
PWM operation on both controllers and 2) a logic input
to select between two modes of low current operation.
When the FCB pin voltage is below 0.800V, the controller
forces continuous PWM current mode operation. In
this mode, the top and bottom MOSFETs are alternately
turned on to maintain the output voltage independent
of direction of inductor current. When the FCB pin is
below VINTVCC – 2V but greater than 0.80V, the controller
enters Burst Mode operation. Burst Mode operation sets
a minimum output current level before inhibiting the top
switch and turns off the synchronous MOSFET(s) when
the inductor current goes negative. This combination of
requirements will, at low currents, force the ITH pin below
a voltage threshold that will temporarily inhibit turn-on of
both output MOSFETs until the output voltage drops. There
is 60mV of hysteresis in the burst comparator B tied to
the ITH pin. This hysteresis produces output signals to the
MOSFETs that turn them on for several cycles, followed
by a variable “sleep” interval depending upon the load
current. The resultant output voltage ripple is held to a
very small value by having the hysteretic comparator
after the error amplifier gain block.
Constant Frequency Operation
When the FCB pin is tied to INTVCC, Burst Mode operation
is disabled and the forced minimum output current
requirement is removed. This provides constant frequency,
discontinuous (preventing reverse inductor current)
current operation over the widest possible output current
range. This constant frequency operation is not as efficient
as Burst Mode operation, but does provide a lower noise,
constant frequency operating mode down to approximately
1% of designed maximum output current. Voltage should
not be applied to the FCB pin prior to the application of
voltage to the VIN pin.
Continuous Current (PWM) Operation
Tying the FCB pin to ground will force continuous current
operation. This is the least efficient operating mode,
but may be desirable in certain applications. The output
can source or sink current in this mode. When sinking
current while in forced continuous operation, current will
(Refer to Functional Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com