Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 24Page - Linear Technology LTC3707IGN Datasheet HTML 25Page - Linear Technology LTC3707IGN Datasheet HTML 26Page - Linear Technology LTC3707IGN Datasheet HTML 27Page - Linear Technology LTC3707IGN Datasheet HTML 28Page - Linear Technology LTC3707IGN Datasheet HTML 29Page - Linear Technology LTC3707IGN Datasheet HTML 30Page - Linear Technology LTC3707IGN Datasheet HTML 31Page - Linear Technology LTC3707IGN Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC3707
30
3707fb
TYPICAL APPLICATION
Figure 12. LTC3707 High Efficiency Low Noise 5V/3A, 3.3V/5A, 12/120mA Regulator
0.1μF
0.1μF
4.7μF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
22μF
50V
D1
MBRM
140T3
MBRS1100T3
D2
MBRM
140T3
M1
M2
M3
M4
1μF
10V
CMDSH-3TR
CMDSH-3TR
0.1μF
10Ω
0.01Ω
0.015Ω
INTVCC
3.3V
0.1μF
20k
1%
105k, 1%
33pF
15k
33pF
15k
1000pF
1000pF
1000pF
1000pF
0.1μF
20k
1%
63.4k
1%
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
LTC3707
T1, 1:1.8
10μH
L1
6.3μH
150μF, 6.3V
PANASONIC SP
1μF
25V
180μF, 4V
PANASONIC SP
GND
ON/OFF
8
5
1
2
3
VOUT2
3.3V
5A; 6A PEAK
VOUT3
12V
120mA
33μF
25V
VOUT1
5V
3A; 4A PEAK
VIN
7V TO
28V
1628 F12
VIN: 7V TO 28V
VOUT: 5V, 3A/3.3V, 6A/12V, 120mA
SWITCHING FREQUENCY = 300kHz
MI, M2, M3, M4: NDS8410A
L1: SUMIDA CEP123-6R3MC
T1: 10mH 1:1.8 — DALE LPE6562-A262 GAPPED E-CORE OR BH ELECTRONICS #501-0657 GAPPED TOROID
LT1121
+
+
220k
100k
1M
PGOOD
100k
VPULL-UP
(<7V)
59k
180pF
180pF
0.01μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com