Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 18Page - Linear Technology LTC3707IGN Datasheet HTML 19Page - Linear Technology LTC3707IGN Datasheet HTML 20Page - Linear Technology LTC3707IGN Datasheet HTML 21Page - Linear Technology LTC3707IGN Datasheet HTML 22Page - Linear Technology LTC3707IGN Datasheet HTML 23Page - Linear Technology LTC3707IGN Datasheet HTML 24Page - Linear Technology LTC3707IGN Datasheet HTML 25Page - Linear Technology LTC3707IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC3707
22
3707fb
APPLICATIONS INFORMATION
FCB Pin Operation
The FCB pin can be used to regulate a secondary winding
or as a logic level input. Continuous operation is forced
when the FCB pin drops below 0.8V. During continuous
mode, current flows continuously in the transformer pri-
mary. The secondary winding(s) draw current only when
the bottom, synchronous switch is on. When primary
load currents are low and/or the VIN/VOUT ratio is low,
the synchronous switch may not be on for a sufficient
amount of time to transfer power from the output capacitor
to the secondary load. Forced continuous operation will
support secondary windings providing there is sufficient
synchronous switch duty factor. Thus, the FCB input pin
removes the requirement that power must be drawn from
the inductor primary in order to extract power from the
auxiliary windings. With the loop in continuous mode, the
auxiliary outputs may nominally be loaded without regard
to the primary output load.
The secondary output voltage VSECisnormallysetasshown
in Figure 6a by the turns ratio N of the transformer:
VSEC ≅ (N + 1) VOUT
However, if the controller goes into Burst Mode operation
and halts switching due to a light primary load current, then
VSEC will droop. An external resistive divider from VSEC to
the FCB pin sets a minimum voltage VSEC(MIN):
V
SEC(MIN) ≈ 0.8V 1+
R6
R5
⎛
⎝⎜
⎞
⎠⎟
If VSEC drops below this level, the FCB voltage forces
temporary continuous switching operation until VSEC is
again above its minimum.
In order to prevent erratic operation if no external connec-
tions are made to the FCB pin, the FCB pin has a 0.18μA
internal current source pulling the pin high. Include this
current when choosing resistor values R5 and R6.
The following table summarizes the possible states avail-
able on the FCB pin:
Table 1
FCB Pin
Condition
0V to 0.75V
Forced Continuous (Current Reversal
Allowed—Burst Inhibited)
0.85V < VFCB < VINTVCC – 2V
Minimum Peak Current Induces
Burst Mode Operation
No Current Reversal Allowed
Feedback Resistors
Regulating a Secondary Winding
= VINTVCC
Burst Mode Operation Disabled
Constant Frequency Mode Enabled
No Current Reversal Allowed
No Minimum Peak Current
Voltage Positioning
Voltage positioning can be used to minimize peak-to-peak
output voltage excursions under worst-case transient
loading conditions. The open-loop DC gain of the control
loop is reduced depending upon the maximum load step
specifications. Voltage positioning can easily be added to
the LTC3707 by loading the ITH pin with a resistive divider
having a Thevenin equivalent voltage source equal to the
midpoint operating voltage of the error amplifier, or 1.2V
(see Figure 8).
The resistive load reduces the DC loop gain while main-
taining the linear control range of the error amplifier.
The maximum output voltage deviation can theoretically
be reduced to half or alternatively the amount of output
capacitance can be reduced for a particular application.
A complete explanation is included in Design Solutions
10. (See www.linear.com)
ITH
RC
RT1
INTVCC
CC
3707 F08
LTC3707
RT2
Figure 8. Active Voltage Positioning Applied to the LTC3707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com