Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 23Page - Linear Technology LTC3707IGN Datasheet HTML 24Page - Linear Technology LTC3707IGN Datasheet HTML 25Page - Linear Technology LTC3707IGN Datasheet HTML 26Page - Linear Technology LTC3707IGN Datasheet HTML 27Page - Linear Technology LTC3707IGN Datasheet HTML 28Page - Linear Technology LTC3707IGN Datasheet HTML 29Page - Linear Technology LTC3707IGN Datasheet HTML 30Page - Linear Technology LTC3707IGN Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC3707
27
3707fb
APPLICATIONS INFORMATION
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3707. These items are also illustrated graphically in
the layout diagram of Figure 10. The Figure 11 illustrates
the current waveforms present in the various branches
of the 2-phase synchronous regulators operating in the
continuous mode. Check the following in your layout:
1. Are the top N-channel MOSFETs M1 and M3 located
within 1cm of each other with a common drain connection
at CIN? Do not attempt to split the input decoupling for
the two channels as it can cause a large resonant loop.
2. Are the signal and power grounds kept separate? The
combined LTC3707 signal ground pin and the ground return
of CINTVCCmust return to the combined COUT(–) terminals.
The path formed by the top N-channel MOSFET, Schottky
diode and the CIN capacitor should have short leads and
PC trace lengths. The output capacitor (–) terminals should
be connected as close as possible to the (–) terminals
of the input capacitor by placing the capacitors next to
each other and away from the Schottky loop described
above.
3. Do the LTC3707 VOSENSE pins resistive dividers connect
to the (+) terminals of COUT? The resistive divider must
be connected between the (+) terminal of COUT and signal
ground and a small VOSENSE decoupling capacitor should
be as close as possible to the LTC3707 SGND pin. The R2
and R4 connections should not be along the high current
input feeds from the input capacitor(s).
CB2
CB1
RPU
PGOOD
VPULL-UP
(<7V)
CINTVCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CIN
D1
M1
M2
M3
M4
D2
CVIN
VIN
RIN
INTVCC
3.3V
R4
R3
R2
R1
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
LTC3707
L1
L2
COUT1
VOUT1
GND
VOUT2
3707 F10
COUT2
RSENSE
RSENSE
Figure 10. LTC3707 Recommended Printed Circuit Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com