Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 16Page - Linear Technology LTC3707IGN Datasheet HTML 17Page - Linear Technology LTC3707IGN Datasheet HTML 18Page - Linear Technology LTC3707IGN Datasheet HTML 19Page - Linear Technology LTC3707IGN Datasheet HTML 20Page - Linear Technology LTC3707IGN Datasheet HTML 21Page - Linear Technology LTC3707IGN Datasheet HTML 22Page - Linear Technology LTC3707IGN Datasheet HTML 23Page - Linear Technology LTC3707IGN Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC3707
20
3707fb
APPLICATIONS INFORMATION
By pulling both RUN/SS pins below 1V and/or pulling
the STBYMD pin below 0.2V, the LTC3707 is put into
low current shutdown (IQ = 20μA). The RUN/SS pins
can be driven directly from logic as shown in Figure 7.
Diode D1 in Figure 7 reduces the start delay but allows
CSS to ramp up slowly providing the soft-start function.
Each RUN/SS pin has an internal 6V zener clamp (See
Functional Diagram).
Fault Conditions: Overcurrent Latchoff
The RUN/SS pins also provide the ability to latch off the
controller(s) when an overcurrent condition is detected.
The RUN/SS capacitor, CSS, is used initially to turn on
and limit the inrush current. After the controller has been
started and been given adequate time to charge up the
output capacitor and provide full load current, the RUN/SS
capacitor is used for a short-circuit timer. If the regulator’s
output voltage falls to less than 70% of its nominal value
after CSS reaches 4.2V, CSS begins discharging on the as-
sumption that the output is in an overcurrent condition. If
the condition lasts for a long enough period as determined
by the size of the CSS and the specified discharge current,
the controller will be shut down until the RUN/SS pin volt-
age is recycled. If the overload occurs during start-up, the
time can be approximated by:
tLO1 ≈ [CSS(4.1 – 1.5 + 4.1 – 3.5)]/(1.2μA)
= 2.7 • 106 (CSS)
If the overload occurs after start-up the voltage on CSS will
begin discharging from the zener clamp voltage:
tLO2 ≈ [CSS (6 – 3.5)]/(1.2μA) = 2.1 • 106 (CSS)
This built-in overcurrent latchoff can be overridden by
providing a pull-up resistor to the RUN/SS pin as shown
in Figure 7. This resistance shortens the soft-start period
and prevents the discharge of the RUN/SS capacitor during
an over current condition. Tying this pull-up resistor to
VIN as in Figure 7a, defeats overcurrent latchoff. Diode-
connecting this pull-up resistor to INTVCC , as in Figure
7b, eliminates any extra supply current during controller
shutdown while eliminating the INTVCC loading from
preventing controller start-up.
Why should you defeat overcurrent latchoff? During the
prototyping stage of a design, there may be a problem
with noise pickup or poor layout causing the protection
circuit to latch off. Defeating this feature will easily allow
troubleshooting of the circuit and PC layout. The internal
short-circuit and foldback current limiting still remains
active, thereby protecting the power supply system from
failure. After the design is complete, a decision can be
made whether to enable the latchoff feature.
The value of the soft-start capacitor CSS may need to be
scaled with output voltage, output capacitance and load
current characteristics. The minimum soft-start capaci-
tance is given by:
CSS > (COUT )(VOUT) (10 –4) (RSENSE)
The minimum recommended soft-start capacitor of
CSS = 0.1μF will be sufficient for most applications.
Fault Conditions: Current Limit and Current Foldback
The LTC3707 current comparator has a maximum sense
voltage of 75mV resulting in a maximum MOSFET cur-
rent of 75mV/RSENSE. The maximum value of current
limit generally occurs with the largest VIN at the highest
ambient temperature, conditions that cause the highest
power dissipation in the top MOSFET.
The LTC3707 includes current foldback to help further
limit load current when the output is shorted to ground.
The foldback circuit is active even when the overload
shutdown latch described above is overridden. If the
output falls below 70% of its nominal output level, then
the maximum sense voltage is progressively lowered from
75mV to 25mV. Under short-circuit conditions with very
low duty cycles, the LTC3707 will begin cycle skipping in
order to limit the short-circuit current. In this situation
the bottom MOSFET will be dissipating most of the power
3.3V OR 5V
RUN/SS
VIN
INTVCC
RUN/SS
D1
CSS
RSS*
CSS
RSS*
3707 F07
*OPTIONAL TO DEFEAT OVERCURRENT LATCHOFF
Figure 7. RUN/SS Pin Interfacing
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com