Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 14Page - Linear Technology LTC3707IGN Datasheet HTML 15Page - Linear Technology LTC3707IGN Datasheet HTML 16Page - Linear Technology LTC3707IGN Datasheet HTML 17Page - Linear Technology LTC3707IGN Datasheet HTML 18Page - Linear Technology LTC3707IGN Datasheet HTML 19Page - Linear Technology LTC3707IGN Datasheet HTML 20Page - Linear Technology LTC3707IGN Datasheet HTML 21Page - Linear Technology LTC3707IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC3707
18
3707fb
APPLICATIONS INFORMATION
EXTVCC Connection
The LTC3707 contains an internal P-channel MOSFET
switch connected between the EXTVCC and INTVCC pins.
When the voltage applied to EXTVCC rises above 4.7V,
the internal regulator is turned off and the switch closes,
connecting the EXTVCC pin to the INTVCC pin thereby sup-
plying internal power. The switch remains closed as long
as the voltage applied to EXTVCC remains above 4.5V. This
allows the MOSFET driver and control power to be derived
from the output during normal operation (4.7V < VOUT <
7V) and from the internal regulator when the output is
out of regulation (start-up, short-circuit). If more current
is required through the EXTVCC switch than is specified,
an external Schottky diode can be added between the
EXTVCC and INTVCC pins. Do not apply greater than 7V to
the EXTVCC pin and ensure that EXTVCC < VIN.
Significant efficiency gains can be realized by powering
INTVCC from the output, since the VIN current resulting
from the driver and control currents will be scaled by a
factor of (Duty Cycle)/(Efficiency). For 5V regulators this
supply means connecting the EXTVCC pin directly to VOUT.
However, for 3.3V and other lower voltage regulators,
additional circuitry is required to derive INTVCC power
from the output.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC Left Open (or Grounded). This will cause INTVCC
to be powered from the internal 5V regulator resulting in an
efficiency penalty of up to 10% at high input voltages.
2. EXTVCC Connected directly to VOUT. This is the normal
connection for a 5V regulator and provides the highest
efficiency.
3. EXTVCC Connected to an External supply. If an external
supply is available in the 5V to 7V range, it may be used to
power EXTVCC providing it is compatible with the MOSFET
gate drive requirements.
4. EXTVCCConnectedtoanOutput-DerivedBoostNetwork.
For 3.3V and other low voltage regulators, efficiency gains
can still be realized by connecting EXTVCC to an output-
derived voltage that has been boosted to greater than 4.7V.
This can be done with either the inductive boost winding
as shown in Figure 6a or the capacitive charge pump
shown in Figure 6b. The charge pump has the advantage
of simple magnetics.
EXTVCC
FCB
SGND
VIN
TG1
SW
BG1
PGND
LTC3707
RSENSE
VOUT
VSEC
+
COUT
+
1μF
3707 F06a
N-CH
N-CH
R6
+
CIN
VIN
T1
1:N
OPTIONAL EXTVCC
CONNECTION
5V < VSEC < 7V
R5
EXTVCC
VIN
TG1
SW
BG1
PGND
LTC3707
VOUT
VN2222LL
+
COUT
3707 F06b
N-CH
N-CH
+
CIN
+
1μF
VIN
L1
BAT85
BAT85
BAT85
0.22μF
RSENSE
Figure 6a. Secondary Output Loop & EXTVCC Connection
Figure 6b. Capacitive Charge Pump for EXTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com