Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 24Page - Linear Technology LTC3707IGN Datasheet HTML 25Page - Linear Technology LTC3707IGN Datasheet HTML 26Page - Linear Technology LTC3707IGN Datasheet HTML 27Page - Linear Technology LTC3707IGN Datasheet HTML 28Page - Linear Technology LTC3707IGN Datasheet HTML 29Page - Linear Technology LTC3707IGN Datasheet HTML 30Page - Linear Technology LTC3707IGN Datasheet HTML 31Page - Linear Technology LTC3707IGN Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC3707
28
3707fb
APPLICATIONS INFORMATION
4. Are the SENSE – and SENSE + leads routed together with
minimum PC trace spacing? The filter capacitor between
SENSE+ and SENSE– should be as close as possible to
the IC. Ensure accurate current sensing with Kelvin con-
nections at the SENSE resistor.
5. Is the INTVCC decoupling capacitor connected close to
the IC, between the INTVCC and the power ground pins?
This capacitor carries the MOSFET drivers current peaks.
An additional 1μF ceramic capacitor placed immediately
next to the INTVCC and PGND pins can help improve noise
performance substantially.
6. Keep the switching nodes (SW1, SW2), top gate nodes
(TG1, TG2), and boost nodes (BOOST1, BOOST2) away
from sensitive small-signal nodes, especially from the
opposites channel’s voltage and current sensing feedback
pins. All of these nodes have very large and fast moving
signals and therefore should be kept on the “output side”
of the LTC3707 and occupy minimum PC trace area.
7. Use a modified “star ground” technique: a low imped-
ance, large copper area central grounding point on the same
side of the PC board as the input and output capacitors with
tie-ins for the bottom of the INTVCC decoupling capacitor,
the bottom of the voltage feedback resistive divider and
the SGND pin of the IC.
RL1
D1
L1
SW1
RSENSE1
VOUT1
COUT1
+
VIN
CIN
RIN
+
RL2
D2
BOLD LINES INDICATE
HIGH, SWITCHING
CURRENT LINES.
KEEP LINES TO A
MINIMUM LENGTH.
L2
SW2
3707 F11
RSENSE2
VOUT2
COUT2
+
Figure 11. Branch Current Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com