Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC3707IGN Datasheet HTML 1Page - Linear Technology LTC3707IGN Datasheet HTML 2Page - Linear Technology LTC3707IGN Datasheet HTML 3Page - Linear Technology LTC3707IGN Datasheet HTML 4Page - Linear Technology LTC3707IGN Datasheet HTML 5Page - Linear Technology LTC3707IGN Datasheet HTML 6Page - Linear Technology LTC3707IGN Datasheet HTML 7Page - Linear Technology LTC3707IGN Datasheet HTML 8Page - Linear Technology LTC3707IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC3707
1
3707fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Efficiency, 2-Phase
Synchronous Step-Down
Switching Regulator
The LTC
®3707 is a high performance dual step-down
switching regulator controller that drives N-channel
synchronous power MOSFET stages. A constant frequency
current mode architecture allows adjustment of the
frequency up to 300kHz. Power loss and noise due to the
ESR of the input capacitors are minimized by operating
the two controller output stages out of phase.
OPTI-LOOP compensation allows the transient response to
be optimized over a wide range of output capacitance and
ESR values. The precision 0.8V reference and power good
output indicator are compatible with future microprocessor
generations, and a wide 3.5V to 30V input supply range
encompasses all battery chemistries.
A RUN/SS pin for each controller provides both soft-start
and optional timed, short-circuit shutdown. Current
foldback limits MOSFET dissipation during short-circuit
conditions when overcurrent latchoff is disabled. Output
overvoltage protection circuitry latches on the bottom
MOSFET until VOUT returns to normal. The FCB mode
pin can select among Burst Mode operation, constant
frequency mode and continuous inductor current mode
or regulate a secondary winding.
Figure 1. High Efficiency Dual 5V/3.3V Step-Down Converter
■
180° Phased Dual Controllers Reduce Required
Input Capacitance and Power Supply Induced Noise
■
OPTI-LOOP
® Compensation Minimizes COUT
■
±1.5% Output Voltage Accuracy over Temperature
■
Dual N-Channel MOSFET Synchronous Drive
■
Power Good Output Voltage Monitor
■
DC Programmed Fixed Frequency 150kHz to 300kHz
■
Wide VIN Range: 4.5V to 28V Operation
■
Very Low Dropout Operation: 99% Duty Cycle
■
Adjustable Soft-Start Current Ramping
■
Foldback Output Current Limiting
■
Latched Short-Circuit Shutdown with Defeat Option
■
Output Overvoltage Protection
■
Remote Output Voltage Sense
■
Low Shutdown IQ: 20μA
■
5V and 3.3V Standby Regulators
■
Selectable Constant Frequency, Burst Mode®
Operation or PWM Operation
■
Small 28-Lead Narrow SSOP Package
■
Notebook and Palmtop Computers, PDAs
■
Battery Chargers
■
Portable Instruments
■
Battery-Operated Digital Devices
■
DC Power Distribution Systems
L, LT, LTC, LTM, Burst Mode, and OPTI-LOOP are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by U.S.
Patents including 5481178, 5705919, 5929620, 6144194, 6177787, 6304066, 6580258.
+
4.7μF
D3
D4
D1
M2
M1
CB1, 0.1μF
R2
105k
1%
1000pF
L1
6.3μH
CC1
220pF
1μF
CERAMIC
CIN
22μF
50V
CERAMIC
+
COUT1
47μF
6V
SP
RSENSE1
0.01Ω
R1
20k
1%
RC1
15k
VOUT1
5V
5A
D2
M4
M3
CB2, 0.1μF
R4
63.4k
1%
L2
6.3μH
CC2
220pF
1000pF
+
COUT
56μF
6V
SP
RSENSE2
0.01Ω
R3
20k
1%
RC2
15k
VOUT2
3.3V
5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VOSENSE1
VOSENSE2
ITH1
ITH2
VIN
INTVCC
RUN/SS1
RUN/SS2
VIN
5.2V TO 28V
M1, M2, M3, M4: FDS6680A
3707 F01
CSS1
0.1μF
CSS2
0.1μF
LTC3707


Similar Part No. - LTC3707IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707IGN-SYNC LINER-LTC3707IGN-SYNC Datasheet
405Kb / 32P
High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707IGN-SYNC-PBF LINER-LTC3707IGN-SYNC-PBF Datasheet
405Kb / 32P
High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707IGN-SYNC-TR LINER-LTC3707IGN-SYNC-TR Datasheet
405Kb / 32P
High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707IGN-SYNC-TRPBF LINER-LTC3707IGN-SYNC-TRPBF Datasheet
405Kb / 32P
High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3707IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com