Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 19Page - Linear Technology LTC3707IGN Datasheet HTML 20Page - Linear Technology LTC3707IGN Datasheet HTML 21Page - Linear Technology LTC3707IGN Datasheet HTML 22Page - Linear Technology LTC3707IGN Datasheet HTML 23Page - Linear Technology LTC3707IGN Datasheet HTML 24Page - Linear Technology LTC3707IGN Datasheet HTML 25Page - Linear Technology LTC3707IGN Datasheet HTML 26Page - Linear Technology LTC3707IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC3707
23
3707fb
APPLICATIONS INFORMATION
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most
of the losses in LTC3707 circuits: 1) LTC3707 VIN cur-
rent (including loading on the 3.3V internal regulator),
2) INTVCC regulator current, 3) I2R losses, 4) Topside
MOSFET transition losses.
1. The VIN current has two components: the first is the DC
supply current given in the Electrical Characteristics table,
which excludes MOSFET driver and control currents; the
second is the current drawn from the 3.3V linear regulator
output. VIN current typically results in a small (<0.1%)
loss.
2. INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results from
switching the gate capacitance of the power MOSFETs.
Each time a MOSFET gate is switched from low to high
to low again, a packet of charge dQ moves from INTVCC
to ground. The resulting dQ/dt is a current out of INTVCC
that is typically much larger than the control circuit cur-
rent. In continuous mode, IGATECHG =f(QT+QB), where QT
and QB are the gate charges of the topside and bottom
side MOSFETs.
Supplying INTVCC power through the EXTVCC switch input
from an output-derived source will scale the VIN current
required for the driver and control circuits by a factor of
(Duty Cycle)/(Efficiency). For example, in a 20V to 5V ap-
plication, 10mA of INTVCC current results in approximately
2.5mA of VIN current. This reduces the mid-current loss
from 10% or more (if the driver was powered directly from
VIN) to only a few percent.
3. I2R losses are predicted from the DC resistances of
the fuse (if used), MOSFET, inductor, current sense resis-
tor, and input and output capacitor ESR. In continuous
mode the average output current flows through L and
RSENSE, but is “chopped” between the topside MOSFET
and the synchronous MOSFET. If the two MOSFETs have
approximately the same RDS(ON), then the resistance of
one MOSFET can simply be summed with the resistances
of L, RSENSE and ESR to obtain I2R losses. For example, if
each RDS(ON) = 30mΩ, RL = 50mΩ, RSENSE = 10mΩ and
RESR = 40mΩ (sum of both input and output capacitance
losses), then the total resistance is 130m
Ω. This results
in losses ranging from 3% to 13% as the output current
increases from 1A to 5A for a 5V output, or a 4% to 20%
loss for a 3.3V output. Efficiency varies as the inverse
square of VOUT for the same external components and
output power level. The combined effects of increasingly
lower output voltages and higher currents required by
high performance digital systems is not doubling but
quadrupling the importance of loss terms in the switching
regulator system!
4. Transition losses apply only to the topside MOSFET(s),
and become significant only when operating at high input
voltages (typically 15V or greater). Transition losses can
be estimated from:
Transition Loss = (1.7) VIN2 IO(MAX) CRSS f
Other “hidden” losses such as copper trace and internal
battery resistances can account for an additional 5% to
10% efficiency degradation in portable systems. It is
very important to include these “system” level losses
during the design phase. The internal battery and fuse
resistance losses can be minimized by making sure that
CIN has adequate charge storage and very low ESR at the
switching frequency. A 25W supply will typically require
a minimum of 20μF to 40μF of capacitance having a
maximum of 20m
Ω to 50mΩ of ESR. The LTC3707 2-
phase architecture typically halves this input capacitance
requirement over competing solutions. Other losses
including Schottky conduction losses during dead-time
and inductor core losses generally account for less than
2% total additional loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com