Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 4Page - Linear Technology LTC3707IGN Datasheet HTML 5Page - Linear Technology LTC3707IGN Datasheet HTML 6Page - Linear Technology LTC3707IGN Datasheet HTML 7Page - Linear Technology LTC3707IGN Datasheet HTML 8Page - Linear Technology LTC3707IGN Datasheet HTML 9Page - Linear Technology LTC3707IGN Datasheet HTML 10Page - Linear Technology LTC3707IGN Datasheet HTML 11Page - Linear Technology LTC3707IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3707
8
3707fb
PIN FUNCTIONS
RUN/SS1,RUN/SS2(Pins1,15):Combinationofsoft-start,
run control inputs and short-circuit detection timers. A
capacitor to ground at each of these pins sets the ramp
time to full output current. Forcing either of these pins
back below 1.0V causes the IC to shut down the circuitry
required for that particular controller. Latchoff overcurrent
protection is also invoked via this pin as described in the
Applications Information section.
SENSE1+, SENSE2+ (Pins 2, 14):
The (+) Input to the
Differential Current Comparators. The ITH pin voltage and
controlled offsets between the SENSE– and SENSE+ pins in
conjunction with RSENSE set the current trip threshold.
SENSE1–, SENSE2– (Pins 3, 13):
The (–) Input to the
Differential Current Comparators.
VOSENSE1, VOSENSE2 (Pins 4, 12): Receives the remotely-
sensed feedback voltage for each controller from an external
resistive divider across the output.
FREQSET (Pin 5): Frequency Control Input to the Oscillator.
This pin can be left open, tied to ground, tied to INTVCC
or driven by an external voltage source. This pin can also
be used with an external phase detector to build a true
phase-locked loop.
STBYMD (Pin 6): Control pin that determines which cir-
cuitry remains active when the controllers are shut down
and/or provides a common control point to shut down both
controllers. See the Operation section for details.
FCB (Pin 7): Forced Continuous Control Input. This input
acts on both controllers and is normally used to regulate a
secondary winding. Pulling this pin below 0.8V will force
continuous synchronous operation on both controllers.
Do not leave this pin floating.
ITH1,ITH2(Pins8,11):ErrorAmplifierOutputandSwitching
Regulator Compensation Point. Each associated channels’
current comparator trip point increases with this control
voltage.
SGND (Pin 9): Small Signal Ground common to both
controllers, must be routed separately from high current
grounds to the common (–) terminals of the COUT
capacitors.
3.3VOUT (Pin 10): Output of a linear regulator capable
of supplying 10mA DC with peak currents as high as
50mA.
PGND (Pin 20): Driver Power Ground. Connects to the
sources of bottom (synchronous) N-channel MOSFETs,
anodes of the Schottky rectifiers and the (–) terminal(s)
of CIN.
INTVCC (Pin 21): Output of the Internal 5V Linear Low
Dropout Regulator and the EXTVCC Switch. The driver and
control circuits are powered from this voltage source. Must
be decoupled to power ground with a minimum of 4.7μF
tantalum or other low ESR capacitor. The INTVCC regulator
standby function is determined by the STBYMD pin.
EXTVCC(Pin22):ExternalPowerInputtoanInternalSwitch
Connected to INTVCC. This switch closes and supplies VCC
power, bypassing the internallow dropout regulator, when-
ever EXTVCC is higher than 4.7V. See EXTVCC connection
in Applications section. Do not exceed 7V on this pin.
BG1, BG2 (Pins 23, 19): High Current Gate Drives for Bot-
tom (Synchronous) N-Channel MOSFETs. Voltage swing
at these pins is from ground to INTVCC.
VIN (Pin 24): Main Supply Pin. A bypass capacitor should
be tied between this pin and the signal ground pin.
BOOST1, BOOST2 (Pins 25, 18): Bootstrapped Supplies
to the Top Side Floating Drivers. Capacitors are connected
between the boost and switch pins and Schottky diodes are
tied between the boost and INTVCC pins. Voltage swing at
the boost pins is from INTVCC to (VIN + INTVCC).
SW1, SW2 (Pins 26, 17): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
TG1, TG2 (Pins 27, 16): High Current Gate Drives for
Top N-Channel MOSFETs. These are the outputs of float-
ing drivers with a voltage swing equal to INTVCC – 0.5V
superimposed on the switch node voltage SW.
PGOOD (Pin 28): Open-Drain Logic Output. PGOOD is
pulled to ground when the voltage on either VOSENSE pin
is not within
±7.5% of its set point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com