Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 12Page - Linear Technology LTC3707IGN Datasheet HTML 13Page - Linear Technology LTC3707IGN Datasheet HTML 14Page - Linear Technology LTC3707IGN Datasheet HTML 15Page - Linear Technology LTC3707IGN Datasheet HTML 16Page - Linear Technology LTC3707IGN Datasheet HTML 17Page - Linear Technology LTC3707IGN Datasheet HTML 18Page - Linear Technology LTC3707IGN Datasheet HTML 19Page - Linear Technology LTC3707IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTC3707
16
3707fb
APPLICATIONS INFORMATION
30% to 70% when compared to a single phase power
supply solution.
The type of input capacitor, value and ESR rating have
efficiency effects that need to be considered in the selec-
tion process. The capacitance value chosen should be
sufficient to store adequate charge to keep high peak
battery currents down. 20μF to 40μF is usually sufficient
for a 25W output supply operating at 200kHz. The ESR of
the capacitor is important for capacitor power dissipation
as well as overall battery efficiency. All of the power (RMS
ripple current • ESR) not only heats up the capacitor but
wastes power from the battery.
Medium voltage (20V to 35V) ceramic, tantalum, OS-CON
and switcher-rated electrolytic capacitors can be used
as input capacitors, but each has drawbacks: ceramic
voltage coefficients are very high and may have audible
piezoelectric effects; tantalums need to be surge-rated;
OS-CONs suffer from higher inductance, larger case size
and limited surface-mount applicability; electrolytics’
higher ESR and dryout possibility require several to be
used. Multiphase systems allow the lowest amount of
capacitance overall. As little as one 22μF or two to three
10μF ceramic capacitors are an ideal choice in a 20W to
50W power supply due to their extremely low ESR. Even
though the capacitance at 20V is substantially below their
rating at zero-bias, very low ESR loss makes ceramics
an ideal candidate for highest efficiency battery operated
systems. Also consider parallel ceramic and high quality
electrolytic capacitors as an effective means of achieving
ESR and bulk capacitance goals.
In continuous mode, the source current of the top N-channel
MOSFET is a square wave of duty cycle VOUT/VIN.Toprevent
large voltage transients, a low ESR input capacitor sized for
the maximum RMS current of one channel must be used.
The maximum RMS capacitor current is given by:
C
IN Required IRMS ≈ IMAX
V
OUT VIN − VOUT
()
⎡⎣
⎤⎦
1/2
V
IN
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturer’s
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the capaci-
tor, or to choose a capacitor rated at a higher temperature
than required. Several capacitors may also be paralleled
to meet size or height requirements in the design. Always
consult the manufacturer if there is any question.
The benefit of the LTC3707 multiphase can be calculated by
using the equation above for the higher power controller
and then calculating the loss that would have resulted if
both controller channels switch on at the same time. The
total RMS power lost is lower when both controllers are
operating due to the interleaving of current pulses through
the input capacitor’s ESR. This is why the input capacitor’s
requirement calculated above for the worst-case controller
is adequate for the dual controller design. Remember that
input protection fuse resistance, battery resistance and PC
board trace resistance losses are also reduced due to the
reduced peak currents in a multiphase system.
The overall
benefit of a multiphase design will only be fully realized
when the source impedance of the power supply/battery
is included in the efficiency testing. The drains of the
two top MOSFETS should be placed within 1cm of each
other and share a common CIN(s). Separating the drains
and CIN may produce undesirable voltage and current
resonances at VIN.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically once the ESR require-
ment is satisfied the capacitance is adequate for filtering.
The output ripple
(ΔVOUT) is determined by:
ΔV
OUT ≈ΔIL ESR +
1
8fC
OUT
⎛
⎝⎜
⎞
⎠⎟
Where f = operating frequency, COUT = output capacitance,
and
ΔIL= ripple current in the inductor. The output ripple is
highest at maximum input voltage since
ΔILincreaseswith
input voltage. With
ΔIL=0.3IOUT(MAX)theoutputripplewill
typically be less than 50mV at max VIN assuming:
COUT Recommended ESR < 2 RSENSE
and COUT > 1/(8fRSENSE)
The first condition relates to the ripple current into the ESR
of the output capacitance while the second term guarantees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com