Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 15Page - Linear Technology LTC3707IGN Datasheet HTML 16Page - Linear Technology LTC3707IGN Datasheet HTML 17Page - Linear Technology LTC3707IGN Datasheet HTML 18Page - Linear Technology LTC3707IGN Datasheet HTML 19Page - Linear Technology LTC3707IGN Datasheet HTML 20Page - Linear Technology LTC3707IGN Datasheet HTML 21Page - Linear Technology LTC3707IGN Datasheet HTML 22Page - Linear Technology LTC3707IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTC3707
19
3707fb
APPLICATIONS INFORMATION
Topside MOSFET Driver Supply (CB, DB)
External bootstrap capacitors CB connected to the BOOST
pins supply the gate drive voltages for the topside MOSFETs.
Capacitor CB in the functional diagram is charged though
external diode DB from INTVCC when the SW pin is low.
When one of the topside MOSFETs is to be turned on,
the driver places the CB voltage across the gate-source
of the desired MOSFET. This enhances the MOSFET and
turns on the topside switch. The switch node voltage, SW,
rises to VIN and the BOOST pin follows. With the topside
MOSFET on, the boost voltage is above the input supply:
VBOOST = VIN + VINTVCC. The value of the boost capacitor
CB needs to be 100 times that of the total input capacitance
of the topside MOSFET(s). The reverse breakdown of the
external Schottky diode must be greater than VIN(MAX).
When adjusting the gate drive level, the final arbiter is the
total input current for the regulator. If a change is made
and the input current decreases, then the efficiency has
improved. If there is no change in input current, then there
is no change in efficiency.
Output Voltage
The LTC3707 output voltages are each set by an external
feedback resistive divider carefully placed across the output
capacitor. The resultant feedback signal is compared with
the internal precision 0.800V voltage reference by the error
amplifier. The output voltage is given by the equation:
V
OUT = 0.8V 1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
SENSE+/SENSE– Pins
The common mode input range of the current comparator
sense pins is from 0V to (1.1)INTVCC. Continuous linear
operation is guaranteed throughout this range allowing
output voltage setting from 0.8V to 7.7V, depending upon
the voltage applied to EXTVCC. A differential NPN input
stage is biased with internal resistors from an internal 2.4V
source as shown in the Functional Diagram. This requires
that current either be sourced or sunk from the SENSE
pins depending on the output voltage. If the output voltage
is below 2.4V current will flow out of both SENSE pins to
the main output. The output can be easily preloaded by
the VOUT resistive divider to compensate for the current
comparator’s negative input bias current. The maximum
current flowing out of each pair of SENSE pins is:
ISENSE+ + ISENSE– = (2.4V – VOUT)/24k
Since VOSENSE is servoed to the 0.8V reference voltage,
we can choose R1 in Figure 2 to have a maximum value
to absorb this current.
R1
(MAX) = 24k
0.8V
2.4V – V
OUT
⎛
⎝⎜
⎞
⎠⎟
for VOUT < 2.4V
Regulating an output voltage of 1.8V, the maximum value
of R1 should be 32K. Note that for an output voltage above
2.4V, R1 has no maximum value necessary to absorb the
sense currents; however, R1 is still bounded by the VOSENSE
feedback current.
Soft-Start/Run Function
The RUN/SS1 and RUN/SS2 pins are multipurpose pins
that provide a soft-start function and a means to shut down
the LTC3707. Soft-start reduces the input power source’s
surge currents by gradually increasing the controller’s
current limit (proportional to VITH). This pin can also be
used for power supply sequencing.
An internal 1.2μA current source charges up the CSS ca-
pacitor.When the voltage on RUN/SS1 (RUN/SS2) reaches
1.5V, the particular controller is permitted to start operating.
As the voltage on RUN/SS increases from 1.5V to 3.0V,
the internal current limit is increased from 25mV/RSENSE
to 75mV/RSENSE. The output current limit ramps up slowly,
taking an additional 1.25s/μF to reach full current. The
output current thus ramps up slowly, reducing the start-
ing surge current required from the input power supply.
If RUN/SS has been pulled all the way to ground there is
a delay before starting of approximately:
t
DELAY =
1.5V
1.2µA
C
SS = 1.25s / µF
()C
SS
t
IRAMP =
3V
−1.5V
1.2µA
C
SS = 1.25s / µF
()C
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com