Electronic Components Datasheet Search
  English  ▼

X  

LTC3707IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3707IGN
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3707IGN Datasheet HTML 2Page - Linear Technology LTC3707IGN Datasheet HTML 3Page - Linear Technology LTC3707IGN Datasheet HTML 4Page - Linear Technology LTC3707IGN Datasheet HTML 5Page - Linear Technology LTC3707IGN Datasheet HTML 6Page - Linear Technology LTC3707IGN Datasheet HTML 7Page - Linear Technology LTC3707IGN Datasheet HTML 8Page - Linear Technology LTC3707IGN Datasheet HTML 9Page - Linear Technology LTC3707IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC3707
6
3707fb
TYPICAL PERFORMANCE CHARACTERISTICS
Load Regulation
VITH VS VRUN/SS
SENSE Pins Total Source Current
Maximum Current Sense
Threshold vs Temperature
Dropout Voltage vs Output Current
(Figure 13)
RUN/SS Current vs Temperature
Soft-Start Up (Figure 13)
Load Step (Figure 13)
Load Step (Figure 13)
LOAD CURRENT (A)
0
–0.2
–0.1
4
3707 G13
–0.3
–0.4
1
2
3
5
0.0
FCB = 0V
VIN = 15V
FIGURE 1
VRUN/SS (V)
0
0
0.5
1.0
1.5
2.0
2.5
1
23
4
3707 G14
56
VOSENSE = 0.7V
VSENSE COMMON MODE VOLTAGE (V)
0
0
3707 G15
–50
–100
24
50
100
6
TEMPERATURE (°C)
–50
–25
70
74
80
0
50
75
3707 G17
72
78
76
25
100
125
OUTPUT CURRENT (A)
0
0
1
2
3
4
0.5
1.0
1.5
2.0
3707 G18
2.5
3.0
3.5
4.0
RSENSE = 0.015Ω
RSENSE = 0.010Ω
VOUT = 5V
TEMPERATURE (°C)
–50
–25
0
0.2
0.6
0.8
1.0
75
100
50
1.8
3707 G25
0.4
0
25
125
1.2
1.4
1.6
VIN = 15V
VOUT = 5V
5ms/DIV
3707 G19
VRUN/SS
5V/DIV
VOUT
5V/DIV
IOUT
2A/DIV
VIN = 15V
VOUT = 5V
LOAD STEP = 0A TO 3A
Burst Mode OPERATION
20μs/DIV
3707 G20
VOUT
200mV/DIV
IOUT
2A/DIV
VIN = 15V
VOUT = 5V
LOAD STEP = 0A TO 3A
CONTINUOUS OPERATION
20μs/DIV
3707 G21
VOUT
200mV/DIV
IOUT
2A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com