Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 30Page - Texas Instruments PCM1795 Datasheet HTML 31Page - Texas Instruments PCM1795 Datasheet HTML 32Page - Texas Instruments PCM1795 Datasheet HTML 33Page - Texas Instruments PCM1795 Datasheet HTML 34Page - Texas Instruments PCM1795 Datasheet HTML 35Page - Texas Instruments PCM1795 Datasheet HTML 36Page - Texas Instruments PCM1795 Datasheet HTML 37Page - Texas Instruments PCM1795 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
Register 21
R/W
0
0
1
0
1
0
1
RSV
RSV
RSV
RSV
RSV
DZ1
DZ0
PCMZ
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 22
R
0
0
1
0
1
1
0
RSV
RSV
RSV
RSV
RSV
RSV
ZFGR
ZFGL
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
DZ[1:0]: DSD Zero Output Enable
These bits are available for read and write.
Default value: 00
DZ[1:0]
Zero Output Enable
00
Disabled (default)
01
Even pattern detect 1 × 96h pattern detect
The DZ bits are used to enable or disable the output zero flags and to select the zero pattern in DSD mode.
PCMZ: PCM Zero Output Enable
These bits are available for read and write.
Default value: 1
PCMZ
PCM Zero Output Setting
PCMZ = 0
PCM zero output disabled
PCMZ = 1
PCM zero output enabled (default)
The PCMZ bit is used to enable or disable the output zero flags in PCM mode and the external DF mode.
R: Read Mode Select
Value is always '1', specifying the readback mode.
ZFGx: Zero-Detection Flag
Where x = L or R, corresponding to the DAC output channel. These bits are available only for readback.
Default value: 00
ZFGx
Zero Detection
ZFGx = 0
Not zero
ZFGx = 1
Zero detected
These bits show zero conditions. The status is the same as that of the zero flags at ZEROL (pin 1) and ZEROR
(pin 2). See Zero Detect in the Function Descriptions section.
34
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com