Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1795 Datasheet HTML 1Page - Texas Instruments PCM1795 Datasheet HTML 2Page - Texas Instruments PCM1795 Datasheet HTML 3Page - Texas Instruments PCM1795 Datasheet HTML 4Page - Texas Instruments PCM1795 Datasheet HTML 5Page - Texas Instruments PCM1795 Datasheet HTML 6Page - Texas Instruments PCM1795 Datasheet HTML 7Page - Texas Instruments PCM1795 Datasheet HTML 8Page - Texas Instruments PCM1795 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VCC1 = VCC2L = VCC2R = 5 V, VDD = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 32-bit
data, unless otherwise noted.
PCM1795 DB
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
VDD
3
3.3
3.6
VDC
VCC1
Voltage range
VCC2L
4.75
5
5.25
VDC
VCC2R
fS = 48 kHz
6
8
mA
IDD
fS = 96 kHz
11
mA
fS = 192 kHz
21
mA
Supply current(7)
fS = 44.1 kHz
18
23
mA
ICC
fS = 96 kHz
19
mA
fS = 192 kHz
20
mA
fS = 48 kHz
110
141
mW
Power dissipation(7)
fS = 96 kHz
131
mW
fS = 192 kHz
166
mW
TEMPERATURE RANGE
Operating temperature
–25
+85
°C
θ
JA
Thermal resistance
SSOP-28
+100
°C/W
(7)
Input is bipolar zero (BPZ) data.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com