Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 13Page - Texas Instruments PCM1795 Datasheet HTML 14Page - Texas Instruments PCM1795 Datasheet HTML 15Page - Texas Instruments PCM1795 Datasheet HTML 16Page - Texas Instruments PCM1795 Datasheet HTML 17Page - Texas Instruments PCM1795 Datasheet HTML 18Page - Texas Instruments PCM1795 Datasheet HTML 19Page - Texas Instruments PCM1795 Datasheet HTML 20Page - Texas Instruments PCM1795 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
GENERAL DESCRIPTION
SYSTEM CLOCK AND RESET FUNCTIONS
System Clock Input
t
(SCKH)
SystemClock
(SCK)
t
(SCKL)
2V
0.8V
High
Low
t
(SCY)
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
The PCM1795 requires a system clock to operate the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCK input (pin 7). The PCM1795 has a system clock detection
circuit that automatically senses the frequency at which the system clock is operating. Table 2 shows examples
of system clock frequencies for common audio sampling rates. If the oversampling rate of the delta-sigma (
ΔΣ)
modulator is selected as 128 fS, the system clock frequency is required to be greater than 256 fS.
Figure 34 and Table 3 show the timing requirements for the system clock input. For optimal performance, it is
important to use a clock source with low phase jitter and noise. The Texas Instruments PLL1700 family of
multiclock generators is an excellent choice to provide the PCM1795 system clock.
Table 2. System Clock Rates for Common Audio Sampling Frequencies
SYSTEM CLOCK FREQUENCY (fSCK) (MHz)
SAMPLING FREQUENCY
(kHz)
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
32
4.096(1)
6.144(1)
8.192
12.288
16.384
24.576
44.1
5.6488(1)
8.4672
11.2896
16.9344
22.5792
33.8688
48
6.144(1)
9.216
12.288
18.432
24.576
36.864
96
12.288
18.432
24.576
36.864
49.152(1)
73.728(1)
192
24.576
36.864
49.152(1)
73.728(1)
X(2)
X(2)
(1)
This system clock rate is not supported in I2C fast mode.
(2)
This system clock rate is not supported for the given sampling frequency.
Figure 34. System Clock Input Timing
Table 3. Timing Characteristics for Figure 34
PARAMETER
MIN
MAX
UNIT
t(SCY)
System clock pulse cycle time
13
ns
t(SCKH)
System clock pulse duration, high
0.4t(SCY)
ns
t(SCKL)
System clock pulse duration, low
0.4t(SCY)
ns
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com