Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 28Page - Texas Instruments PCM1795 Datasheet HTML 29Page - Texas Instruments PCM1795 Datasheet HTML 30Page - Texas Instruments PCM1795 Datasheet HTML 31Page - Texas Instruments PCM1795 Datasheet HTML 32Page - Texas Instruments PCM1795 Datasheet HTML 33Page - Texas Instruments PCM1795 Datasheet HTML 34Page - Texas Instruments PCM1795 Datasheet HTML 35Page - Texas Instruments PCM1795 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Register 20
R/W
0
0
1
0
1
0
0
RSV
SRST
DSD
DFTH
MONO
CHSL
OS1
OS0
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
FLT: Digital Filter Roll-Off Control
This bit is available for read and write.
Default value: 0
FLT
Roll-Off Control
FLT = 0
Sharp roll-off (default)
FLT = 1
Slow roll-off
The FLT bit is used to select the digital filter roll-off characteristic. The filter responses for these selections are
shown in the Typical Characteristics section.
INZD: Infinite Zero Detect Mute Control
This bit is available for read and write.
Default value: 0
INZD
Infinite Zero Detect Mute Setting
INZD = 0
Infinite zero detect mute disabled (default)
INZD = 1
Infinite zero detect mute enabled
The INZD bit is used to enable or disable the zero detect mute function. Setting INZD to '1' forces muted analog
outputs to hold a bipolar zero level when the PCM1795 detects a zero condition in both channels. The infinite
zero detect mute function is not available in the DSD mode.
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
SRST: System Reset Control
This bit is available for write only.
Default value: 0
SRST
System Reset Control
SRST = 0
Normal operation (default)
SRST = 1
System reset operation (generate one reset pulse)
The SRST bit is used to reset the PCM1795 to the initial system condition.
DSD: DSD Interface Mode Control
This bit is available for read and write.
Default value: 0
DSD
DSD Interface Mode Control
DSD = 0
DSD interface mode disabled (default)
DSD = 1
DSD interface mode enabled
The DSD bit is used to enable or disable the DSD interface mode.
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com