Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 19Page - Texas Instruments PCM1795 Datasheet HTML 20Page - Texas Instruments PCM1795 Datasheet HTML 21Page - Texas Instruments PCM1795 Datasheet HTML 22Page - Texas Instruments PCM1795 Datasheet HTML 23Page - Texas Instruments PCM1795 Datasheet HTML 24Page - Texas Instruments PCM1795 Datasheet HTML 25Page - Texas Instruments PCM1795 Datasheet HTML 26Page - Texas Instruments PCM1795 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
t
(MCH)
1.4V
MS
t
(MSS)
LSB
1.4V
1.4V
t
(MCL)
t
(MCY)
t
(MDS)
MC
MDI
t
(MOS)
50%ofV
DD
MDO
t
(MHH)
t
(MSH)
t
(MDH)
I
2C INTERFACE
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
Figure 43. Control Interface Timing
Timing Characteristics for Figure 43
PARAMETER
MIN
MAX
UNIT
t(MCY)
MC pulse cycle time
100
ns
t(MCL)
MC low-level time
40
ns
t(MCH)
MC high-level time
40
ns
t(MHH)
MS high-level time
80
ns
t(MSS)
MS falling edge to MC rising edge
15
ns
t(MSH)
MS hold time(1)
15
ns
t(MDH)
MDI hold time
15
ns
t(MDS)
MDI setup time
15
ns
t(MOS)
MC falling edge to MDO stable
30
ns
(1)
MC rising edge for LSB to MS rising edge.
The PCM1795 supports the I2C serial bus and the data transmission protocol for standard and fast mode as a
slave device. This protocol is explained in the I2C specification 2.0.
In I2C mode, the control terminals are changed as described in Table 7.
Table 7. Control Terminals
TERMINAL NAME
TDMCA NAME
PROPERTY
DESCRIPTION
MS
ADR0
Input
I2C address 0
MDI
ADR1
Input
I2C address 1
MC
SCL
Input
I2C clock
MDO
SDA
Input/output
I2C data
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com