Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 23Page - Texas Instruments PCM1795 Datasheet HTML 24Page - Texas Instruments PCM1795 Datasheet HTML 25Page - Texas Instruments PCM1795 Datasheet HTML 26Page - Texas Instruments PCM1795 Datasheet HTML 27Page - Texas Instruments PCM1795 Datasheet HTML 28Page - Texas Instruments PCM1795 Datasheet HTML 29Page - Texas Instruments PCM1795 Datasheet HTML 30Page - Texas Instruments PCM1795 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
MODE CONTROL REGISTERS
User-Programmable Mode Controls
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
The PCM1795 includes a number of user-programmable functions that are accessed via mode control registers.
The registers are programmed using the serial control interface, as previously discussed in the SPI Interface and
I2C Interface sections. Table 8 lists the available mode-control functions, along with the default reset conditions
and associated register index.
Table 8. User-Programmable Function Controls
DF
FUNCTION
DEFAULT
REGISTER
BIT
PCM
DSD
BYPASS
Digital attenuation control
Register 16
ATL[7:0] (for left channel)
0 dB
Yes
No
No
0 dB to –120 dB and mute, 0.5-dB step
Register 17
ATR[7:0] (for right channel)
Attenuation load control
Attenuation disabled
Register 18
ATLD
Yes
No
No
Disabled, enabled
Input audio data format selection
16-, 20-, 32-bit standard (right-justified)
Register 18
FMT[2:0]
Yes
No
Yes
24-bit I2S format
format
24-bit MSB-first left-justified format
16-/32-bit I2S format
Sampling rate selection for de-emphasis
De-emphasis disabled
Register 18
DMF[1:0]
Yes
Yes(1)
No
Disabled, 44.1 kHz, 48 kHz, 32 kHz
De-emphasis control
De-emphasis disabled
Register 18
DME
Yes
No
No
Disabled, enabled
Soft mute control
Mute disabled
Register 18
MUTE
Yes
No
No
Soft mute disabled, enabled
Output phase reversal
Normal
Register 19
REV
Yes
Yes
Yes
Normal, reverse
Attenuation speed selection
×1 fS
Register 19
ATS[1:0]
Yes
No
No
×1fS, ×(1/2)fS, ×(1/4)fS, ×(1/8)fS
DAC operation control
DAC operation enabled
Register 19
OPE
Yes
Yes
Yes
Enabled, disabled
Stereo DF bypass mode select
Monaural
Register 19
DFMS
Yes
No
Yes
Monaural, stereo
Digital filter roll-off selection
Sharp roll-off
Register 19
FLT
Yes
No
No
Sharp roll-off, slow roll-off
Infinite zero mute control
Disabled
Register 19
INZD
Yes
No
Yes
Disabled, enabled
System reset control
Normal operation
Register 20
SRST
Yes
Yes
Yes
Reset operation, normal operation
DSD interface mode control
Disabled
Register 20
DSD
Yes
Yes
No
DSD enabled, disabled
Digital-filter bypass control
DF enabled
Register 20
DFTH
Yes
No
Yes
DF enabled, DF bypass
Monaural mode selection
Stereo
Register 20
MONO
Yes
Yes
Yes
Stereo, monaural
Channel selection for monaural mode data
Left channel
Register 20
CHSL
Yes
Yes
Yes
Left channel, Right channel
ΔΣ oversampling rate selection
×64 fS
Register 20
OS[1:0]
Yes
Yes(2)
Yes
×64 fS, ×128 fS, ×32 fS
PCM zero output enable
Enabled
Register 21
PCMZ
Yes
No
Yes
DSD zero output enable
Disabled
Register 21
DZ[1:0]
Yes
Yes
No
(1)
When in DSD mode, DMF[1:0] is defined as DSD filter (analog FIR) performance selection.
(2)
When in DSD mode, OS[1:0] is defined as DSD filter (analog FIR) operating rate selection.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com