Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 41 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 37Page - Texas Instruments PCM1795 Datasheet HTML 38Page - Texas Instruments PCM1795 Datasheet HTML 39Page - Texas Instruments PCM1795 Datasheet HTML 40Page - Texas Instruments PCM1795 Datasheet HTML 41Page - Texas Instruments PCM1795 Datasheet HTML 42Page - Texas Instruments PCM1795 Datasheet HTML 43Page - Texas Instruments PCM1795 Datasheet HTML 44Page - Texas Instruments PCM1795 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
System Clock (SCK) and Interface Timing
t
(BCH)
BCK
WDCK
t
(BCL)
t
(LB)
t
(BCY)
t
(DS)
t
(DH)
1.4 V
1.4V
t
(BL)
1.4V
DATA
DATAL
DATAR
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
The PCM1795 in an application using an external digital filter requires the synchronization of WDCK and the
system clock. The system clock is phase-free with respect to WDCK. Interface timing among WDCK, BCK,
DATA, DATAL, and DATAR is shown in Figure 57 and Table 11.
Figure 57. Audio Interface Timing for External Digital Filter (Internal DF Bypass Mode) Application
Table 11. Timing Characteristics for Figure 57
PARAMETER
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
20
ns
t(BCL)
BCK pulse duration, low
7
ns
t(BCH)
BCK pulse duration, high
7
ns
t(BL)
BCK rising edge to WDCK falling edge
5
ns
t(LB)
WDCK falling edge to BCK rising edge
5
ns
t(DS)
DATA, DATAL, DATAR setup time
5
ns
t(DH)
DATA, DATAL, DATAR hold time
5
ns
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com