Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 24Page - Texas Instruments PCM1795 Datasheet HTML 25Page - Texas Instruments PCM1795 Datasheet HTML 26Page - Texas Instruments PCM1795 Datasheet HTML 27Page - Texas Instruments PCM1795 Datasheet HTML 28Page - Texas Instruments PCM1795 Datasheet HTML 29Page - Texas Instruments PCM1795 Datasheet HTML 30Page - Texas Instruments PCM1795 Datasheet HTML 31Page - Texas Instruments PCM1795 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Register Map
Register Definitions
Register 16
R/W
0
0
1
0
0
0
0
ATL7
ATL6
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 17
R/W
0
0
1
0
0
0
1
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
Table 8. User-Programmable Function Controls (continued)
DF
FUNCTION
DEFAULT
REGISTER
BIT
PCM
DSD
BYPASS
FUNCTION AVAILABLE ONLY FOR READ
Zero detection flag
Not zero = 0
ZFGL (for left channel)
Register 22
Yes
Yes
Yes
Not zero, zero detected
Zero detected = 1
ZFGR (for right channel)
Device ID (at TDMCA)
Register 23
ID[4:0]
Yes
No
No
The mode control register map is shown in Table 9. Registers 16 to 21 include an R/W bit that determines
whether a register read (R/W = 1) or write (R/W = 0) operation is performed. Registers 22 and 23 are read-only.
Table 9. Mode Control Register Map
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
ATL7
ATL6
ATL5
ATL4
ATL3
ATL2
ATL1
ATL0
Register 17
R/W
0
0
1
0
0
0
1
ATR7
ATR6
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
Register 18
R/W
0
0
1
0
0
1
0
ATLD
FMT2
FMT1
FMT0
DMF1
DMF0
DME
MUTE
Register 19
R/W
0
0
1
0
0
1
1
REV
ATS1
ATS0
OPE
RSV
DFMS
FLT
INZD
Register 20
R/W
0
0
1
0
1
0
0
RSV
SRST
DSD
DFTH
MONO
CHSL
OS1
OS0
Register 21
R/W
0
0
1
0
1
0
1
RSV
RSV
RSV
RSV
RSV
DZ1
DZ0
PCMZ
Register 22
R
0
0
1
0
1
1
0
RSV
RSV
RSV
RSV
RSV
RSV
ZFGR
ZFGL
Register 23
R
0
0
1
0
1
1
1
RSV
RSV
RSV
ID4
ID3
ID2
ID1
ID0
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
ATx[7:0]: Digital Attenuation Level Setting
These bits are available for read and write.
Default value: 1111 1111b
Each DAC output has a digital attenuator associated with it. The attenuator can be set from 0 dB to –120 dB, in
0.5-dB steps. Alternatively, the attenuator can be set to infinite attenuation (or mute). The attenuation data for
each channel can be set individually. However, the data load control (the ATLD bit of control register 18) is
common to both attenuators. ATLD must be set to '1' in order to change an attenuator setting. The attenuation
level can be set using Equation 1:
Attenuation level (dB) = 0.5 dB × (ATx[7:0]DEC – 255)
Where,
ATx[7:0]DEC = 0 through 255
For ATx[7:0]DEC = 0 through 14, the attenuator is set to infinite attenuation. Table 10 lists the attenuation levels
for various settings.
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com