Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 36Page - Texas Instruments PCM1795 Datasheet HTML 37Page - Texas Instruments PCM1795 Datasheet HTML 38Page - Texas Instruments PCM1795 Datasheet HTML 39Page - Texas Instruments PCM1795 Datasheet HTML 40Page - Texas Instruments PCM1795 Datasheet HTML 41Page - Texas Instruments PCM1795 Datasheet HTML 42Page - Texas Instruments PCM1795 Datasheet HTML 43Page - Texas Instruments PCM1795 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
Application for Interfacing With an External Digital Filter
Pin Assignment When Using the External Digital Filter Interface
Audio Format
MSB
16
BCK
DATA, DATAL,DATAR
1/4 f
S or1/8fS
WDCK
AudioDataWord=16-Bit
AudioDataWord=32-Bit
AudioDataWord=24-Bit
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
16
15
LSB
28
19 20 21 22 23 24 25 26 27
32
31
32
29 30 31
16
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
24
23
20
17 18 19
24
21 22 23
DATA, DATAL,DATAR
DATA, DATAL,DATAR
MSB
LSB
MSB
LSB
1
2
3
4
5
PCM1795
SLES248 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
For some applications, it may be desirable to use an external digital filter to perform the interpolation function, as
it can provide improved stop-band attenuation when compared to the internal digital filter of the PCM1795.
The PCM1795 supports several external digital filters, including:
• Texas Instruments DF1704 and DF1706
• Pacific Microsonics PMD200 HDCD filter/decoder IC
• Programmable digital signal processors (DSPs)
The external digital filter application mode is accessed by programming the following bits in the corresponding
control register:
• DFTH = 1 (register 20)
The pins used to provide the serial interface for the external digital filter are illustrated in Figure 55. The word
clock (WDCK) signal must be operated at 8 times or 4 times the desired sampling frequency, fS.
• LRCK (pin 4): WDCK as word clock input
• BCK (pin 6): Bit clock for audio data
• DATA (pin 5): Monaural audio data input when the DFMS bit is not set to '1'
• ZEROL (pin 1): DATAL as left channel audio data input when the DFMS bit is set to '1'
• ZEROR (pin 2): DATAR as right channel audio data input when the DFMS bit is set to '1'
The PCM1795 in the external digital filter interface mode supports right-justified audio formats including 16-bit,
24-bit, and 32-bit audio data, as shown in Figure 56. The audio format is selected by the FMT[2:0] bits of control
register 18.
Figure 56. Audio Data Input Format for External Digital Filter (Internal DF Bypass Mode) Application
40
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com