Electronic Components Datasheet Search
  English  ▼

X  

PCM1795 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1795
Description  32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1795 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCM1795 Datasheet HTML 41Page - Texas Instruments PCM1795 Datasheet HTML 42Page - Texas Instruments PCM1795 Datasheet HTML 43Page - Texas Instruments PCM1795 Datasheet HTML 44Page - Texas Instruments PCM1795 Datasheet HTML 45Page - Texas Instruments PCM1795 Datasheet HTML 46Page - Texas Instruments PCM1795 Datasheet HTML 47Page - Texas Instruments PCM1795 Datasheet HTML 48Page - Texas Instruments PCM1795 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
DMF[1:0]: Analog-FIR Performance Selection
OS[1:0]: Analog-FIR Operation-Speed Selection
TDMCA INTERFACE FORMAT
TDMCA Mode Determination
Pre-TDMCA Frame
BCK
LRCK
TDMCAFrame
Command
Accept
2BCKs
PCM1795
www.ti.com ........................................................................................................................................................................................................ SLES248 – MAY 2009
Default value: 00
DMF[1:0]
Analog-FIR Performance Selection
00
FIR-1 (default)
01
FIR-2
10
FIR-3
11
FIR-4
Plots for the four analog finite impulse response (FIR) filter responses are shown in the Analog FIR Filter
Performance in DSD Mode section of the Typical Characteristics.
Default value: 00
OS[1:0]
Operating Speed Selection
00
fDBCK (default)
01
fDBCK/2
10
Reserved
11
fDBCK/4
The OS bit in the DSD mode is used to select the operating rate of the analog FIR. The OS bits must be set
before setting the DSD bit to '1'.
The PCM1795 supports the time-division-multiplexed command and audio (TDMCA) data format to simplify the
host control serial interface. TDMCA format is designed not only for the multichannel buffered serial port
description (McBSP) of TI DSPs but also for any programmable devices. TDMCA format can transfer not only
audio data but also command data, so that it can be used together with any kind of device that supports TDMCA
format. The TDMCA frame consists of a command field, extended command field, and some audio data fields.
Those audio data are transported to IN devices (such as a DAC) and/or from OUT devices (such as an ADC).
The PCM1795 is an IN device. LRCK and BCK are used with both IN and OUT devices so that the sample
frequency of all devices in a system must be the same. The TDMCA mode supports a maximum of 30 device
IDs. The maximum number of audio channels depends on the BCK frequency.
The PCM1795 recognizes the TDMCA mode automatically when it receives an LRCK signal with a pulse
duration of two BCK clocks. If the TDMCA mode operation is not needed, the duty cycle of LRCK must be 50%.
Figure 61 shows the LRCK and BCK timing that determines the TDMCA mode. The PCM1795 enters TDMCA
mode after two continuous TDMCA frames. Any TDMCA commands can be issued during the next TDMCA
frame after entering TDMCA mode.
Figure 61. LRCK and BCK Timing for Determination of TDMCA Mode
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com